Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1404S Datasheet(PDF) 10 Page - International Rectifier

Part # IRF1404S
Description  AUTOMOTIVE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1404S Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF1404S Datasheet HTML 4Page - International Rectifier IRF1404S Datasheet HTML 5Page - International Rectifier IRF1404S Datasheet HTML 6Page - International Rectifier IRF1404S Datasheet HTML 7Page - International Rectifier IRF1404S Datasheet HTML 8Page - International Rectifier IRF1404S Datasheet HTML 9Page - International Rectifier IRF1404S Datasheet HTML 10Page - International Rectifier IRF1404S Datasheet HTML 11Page - International Rectifier IRF1404S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRF1404Z/S/LPbF
10
www.irf.com
D2Pak Part Marking Information
D2Pak Package Outline (Dimensions are shown in millimeters (inches))
DAT E CODE
YEAR 0 = 2000
WEEK 02
A = AS S EMBLY S IT E CODE
RECT IFIER
INT ERNAT IONAL
PART NUMBER
P = DES IGNAT ES LEAD - FREE
PRODUCT (OPT IONAL)
F 530S
IN T HE AS S EMBLY LINE "L"
AS S EMBLED ON WW 02, 2000
T HIS IS AN IRF 530S WIT H
LOT CODE 8024
INT ERNAT IONAL
LOGO
RECT IFIER
LOT CODE
AS S EMBLY
YEAR 0 = 2000
PART NUMBER
DAT E CODE
LINE L
WEEK 02
OR
F530S
LOGO
AS S EMBLY
LOT CODE


Similar Part No. - IRF1404S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF1404S ISC-IRF1404S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1404SPBF IRF-IRF1404SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
IRF1404SPBF KERSEMI-IRF1404SPBF Datasheet
3Mb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF1404S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com