Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37986N1222K054 Datasheet(PDF) 6 Page - EPCOS

Part # B37986N1222K054
Description  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37986N1222K054 Datasheet(HTML) 6 Page - EPCOS

Back Button B37986N1222K054 Datasheet HTML 2Page - EPCOS B37986N1222K054 Datasheet HTML 3Page - EPCOS B37986N1222K054 Datasheet HTML 4Page - EPCOS B37986N1222K054 Datasheet HTML 5Page - EPCOS B37986N1222K054 Datasheet HTML 6Page - EPCOS B37986N1222K054 Datasheet HTML 7Page - EPCOS B37986N1222K054 Datasheet HTML 8Page - EPCOS B37986N1222K054 Datasheet HTML 9Page - EPCOS B37986N1222K054 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Multilayer Ceramic Capacitors
157 10/02
C0G
Ordering codes and packing for C0G, 50 VDC, lead spacing 2,5 mm
Ammo packing
Reel packing
Bulk
**
54
**
51
**
00
CR
Ordering code1)
pcs
pcs/reel
pcs
B37979, 50 VDC, 5,5
× 5,0 × 2,5 mm
100, pF
B37979N5101K0**
2500
2500
2000
120, pF
B37979N5121K0**
2500
2500
2000
150, pF
B37979N5151K0**
2500
2500
2000
180, pF
B37979N5181K0**
2500
2500
2000
220, pF
B37979N5221K0**
2500
2500
2000
270, pF
B37979N5271K0**
2500
2500
2000
330, pF
B37979N5331K0**
2500
2500
2000
390, pF
B37979N5391K0**
2500
2500
2000
470, pF
B37979N5471K0**
2500
2500
2000
560, pF
B37979N5561K0**
2500
2500
2000
680, pF
B37979N5681K0**
2500
2500
2000
820, pF
B37979N5821K0**
2500
2500
2000
1,0 nF
B37979N5102K0**
2500
2500
2000
1,2 nF
B37979N5122K0**
2500
2500
2000
1,5 nF
B37979N5152K0**
2500
2500
2000
1,8 nF
B37979N5182K0**
2500
2500
2000
2,2 nF
B37979N5222K0**
2500
2500
2000
B37986, 50 VDC, 6,5
× 5,0 × 2,5 mm
2,7 nF
B37986N5272K0**
2500
2500
2000
3,3 nF
B37986N5332K0**
2500
2500
2000
3,9 nF
B37986N5392K0**
2500
2500
2000
4,7 nF
B37986N5472K0**
2500
2500
2000
5,6 nF
B37986N5562K0**
2500
2500
2000
6,8 nF
B37986N5682K0**
2500
2500
2000
8,2 nF
B37986N5822K0**
2500
2500
2000
10, nF
B37986N5103K0**
2500
2500
2000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 154.
^
^
^
C0G


Similar Part No. - B37986N1222K054

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37986N1222J000 EPCOS-B37986N1222J000 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37986N1222J051 EPCOS-B37986N1222J051 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37986N1222J054 EPCOS-B37986N1222J054 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
More results

Similar Description - B37986N1222K054

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com