Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT61LVC162374APV Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT61LVC162374APV
Description  3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT61LVC162374APV Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT61LVC162374APV Datasheet HTML 1Page - Integrated Device Technology IDT61LVC162374APV Datasheet HTML 2Page - Integrated Device Technology IDT61LVC162374APV Datasheet HTML 3Page - Integrated Device Technology IDT61LVC162374APV Datasheet HTML 4Page - Integrated Device Technology IDT61LVC162374APV Datasheet HTML 5Page - Integrated Device Technology IDT61LVC162374APV Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - IDT61LVC162374APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT61LVC162374APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A Datasheet
78Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16374A RENESAS-IDT74LVC16374A Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
IDT74LVCH162374A RENESAS-IDT74LVCH162374A Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2015
logo
Integrated Device Techn...
IDT74LVC374A IDT-IDT74LVC374A Datasheet
64Kb / 6P
   3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCHR162245A IDT-IDT74LVCHR162245A Datasheet
103Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCHR162245A RENESAS-IDT74LVCHR162245A Datasheet
486Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
IDT74ALVCH162374 RENESAS-IDT74ALVCH162374 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT EDGE- TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
IDT74LVCH162373A RENESAS-IDT74LVCH162373A Datasheet
412Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com