Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54550PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54550PWPR
Description  4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54550PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54550PWPR Datasheet HTML 6Page - Texas Instruments TPS54550PWPR Datasheet HTML 7Page - Texas Instruments TPS54550PWPR Datasheet HTML 8Page - Texas Instruments TPS54550PWPR Datasheet HTML 9Page - Texas Instruments TPS54550PWPR Datasheet HTML 10Page - Texas Instruments TPS54550PWPR Datasheet HTML 11Page - Texas Instruments TPS54550PWPR Datasheet HTML 12Page - Texas Instruments TPS54550PWPR Datasheet HTML 13Page - Texas Instruments TPS54550PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
Internal Oscillator
VO(PH)
VO(SYNC)
Power Good (PWRGD)
Bootstrap Voltage (BOOT)
Error Amplifier
Voltage Reference
T
delay
1000
ƒ
s(kHz)
ms
(5)
Bias Voltage (VBIAS)
TPS54550
SLVS623A – MARCH 2006 – REVISED APRIL 2006
Figure 4. SYNC Output Waveform
Up to 1 mA of current can be drawn for use in an
external application circuit. The VBIAS pin must have
a bypass capacitor value of 1.0
µF. X7R or X5R
The VSENSE pin
is
compared
to
an
internal
grade dielectric ceramic capacitors are recommended
reference signal, if the VSENSE is greater than 97%
because
of
their
stable
characteristics
over
and no other faults are present, the PWRGD pin
temperature.
presents a high impedance. A low on the PWRGD pin
indicates a fault. The PWRGD pin has been designed
to provide a weak pull-down and indicates a fault
even when the device is unpowered. If the TPS54550
The BOOT capacitor obtains its charge cycle by cycle
has power and has any fault flag set, the TPS54550
from the VBIAS capacitor. A capacitor and small
indicates the power is not good by driving the
value resistor from the BOOT pin to the PH pins is
PWRGD pin low. The following events, singly or in
required for operation. The bootstrap connection for
combination, indicate power is not good:
the high side driver must have a bypass capacitor of
0.1
µF and resistor 24 Ohm.
VSENSE pin out of bounds
Overcurrent
Thermal shutdown
The VSENSE pin is the error amplifier inverting input.
UVLO undervoltage
The error amplifier is a true voltage amplifier with 1.5
Input voltage not present (weak pull-down)
mA of drive capability with a minimum of 60 dB of
Slow-starting
open loop voltage gain and a unity gain bandwidth of
VBIAS voltage is low
2 MHz.
Once the PWRGD pin presents a high impedance
(i.e., power is good), a VSENSE pin out of bounds
condition forces PWRGD pin low (i.e., power is bad)
The voltage reference system produces a precision
after a time delay. This time delay is a function of the
reference
signal
by
scaling
the
output
of
a
switching
frequency
and
is
calculated
using
temperature stable bandgap circuit. During production
Equation 5:
testing, the bandgap and scaling circuits are trimmed
to produce 0.891 V at the output of the error amplifier,
with the amplifier connected as a voltage follower.
The trim procedure improves the regulation, since it
cancels offset errors in the scaling and error amplifier
circuits.
The VBIAS regulator provides a stable supply for the
internal analog circuits and the low side gate driver.
10
Submit Documentation Feedback


Similar Part No. - TPS54550PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54550 TI-TPS54550 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Similar Description - TPS54550PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com