Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP275AIDGKTG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP275AIDGKTG4
Description  0.5째C Digital Out Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP275AIDGKTG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button TMP275AIDGKTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 10Page - Burr-Brown (TI) TMP275AIDGKTG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
www.ti.com
7
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This control
allows the user to maximize efficiency by programming for
higher resolution or faster conversion time. Table 8
identifies the Resolution Bits and the relationship between
resolution and conversion time.
R1
R0
RESOLUTION
CONVERSION TIME
(typical)
0
0
9 Bits (0.5
°C)
27.5ms
0
1
10 Bits (0.25
°C)
55ms
1
0
11 Bits (0.125
°C)
110ms
1
1
12 Bits (0.0625
°C)
220ms
Table 8. Resolution of the TMP275
ONE-SHOT (OS)
The
TMP275
features
a
One-Shot
Temperature
Measurement Mode. When the device is in Shutdown
Mode, writing a ‘1’ to the OS bit starts a single temperature
conversion. The device returns to the shutdown state at
the completion of the single conversion. This mode is
useful for reducing power consumption in the TMP275
when continuous temperature monitoring is not required.
When the configuration register is read, the OS always
reads zero.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM = 0), the ALERT pin of the
TMP275 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive
number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below
the indicated TLOW value for the same number of faults.
In Interrupt Mode (TM = 1), the ALERT pin becomes active
when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin
remains active until a read operation of any register
occurs, or the device successfully responds to the SMBus
Alert Response Address. The ALERT pin is also cleared
if the device is placed in Shutdown Mode. Once the ALERT
pin is cleared, it only becomes active again by the
temperature falling below TLOW. When the temperature
falls below TLOW, the ALERT pin becomes active and
remain active until cleared by a read operation of any
register or a successful response to the SMBus Alert
Response Address. Once the ALERT pin is cleared, the
above cycle repeats, with the ALERT pin becoming active
when the temperature equals or exceeds THIGH. The
ALERT pin can also be cleared by resetting the device with
the General Call Reset command. This command also
clears the state of the internal registers in the device,
returning the device to Comparator Mode (TM = 0).
Both operational modes are represented in Figure 3.
Table 9 and Table 10 describe the format for the THIGH and
TLOW registers. Note that the most significant byte is sent
first, followed by the least significant byte. Power-up reset
values for THIGH and TLOW are:
THIGH = 80°C and TLOW = 75°C
The format of the data for THIGH and TLOW is the same as
for the Temperature Register.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
Table 9. Bytes 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
Table 10. Bytes 1 and 2 of TLOW Register
All 12 bits for the Temperature, THIGH, and TLOW registers
are used in the comparisons for the ALERT function for all
converter resolutions. The three LSBs in THIGH and TLOW
can affect the ALERT output even if the converter is
configured for 9-bit resolution.
SERIAL INTERFACE
The TMP275 operates only as a slave device on the
Two-Wire bus and SMBus. Connections to the bus are
made via the open-drain I/O lines SDA and SCL. The SDA
and SCL pins feature integrated spike suppression filters
and Schmitt triggers to minimize the effects of input spikes
and bus noise. The TMP275 supports the transmission
protocol for fast (1kHz to 400kHz) and high-speed (1kHz
to 3.4MHz) modes. All data bytes are transmitted MSB
first.
SERIAL BUS ADDRESS
To communicate with the TMP275, the master must first
address slave devices via a slave address byte. The slave
address byte consists of seven address bits, and a
direction bit indicating the intent of executing a read or
write operation.
The TMP275 features three address pins allowing up to
eight devices to be connected per bus. Pin logic levels are
described in Table 11. The address pins of the TMP275 are
read after reset, at start of communication, or in response
to a Two-Wire address acquire request. Following reading
the state of the pins the address is latched to minimize
power dissipation associated with detection.


Similar Part No. - TMP275AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP275AIDGKTG4 TI-TMP275AIDGKTG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
More results

Similar Description - TMP275AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com