Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7327 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7327
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7327 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7327 Datasheet HTML 2Page - Texas Instruments THS7327 Datasheet HTML 3Page - Texas Instruments THS7327 Datasheet HTML 4Page - Texas Instruments THS7327 Datasheet HTML 5Page - Texas Instruments THS7327 Datasheet HTML 6Page - Texas Instruments THS7327 Datasheet HTML 7Page - Texas Instruments THS7327 Datasheet HTML 8Page - Texas Instruments THS7327 Datasheet HTML 9Page - Texas Instruments THS7327 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, V
A = VDD = 5 V
THS7327
SLOS502 – SEPTEMBER 2006
R
L = 150Ω || 5pF to GND for Monitor Output, 19kΩ || 8pF Load to GND for ADC Buffer, ADC Buffer Filter = 9MHz, SAG pin
shorted to Monitor Output Pin (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
25
°C
25
°C
UNITS
MIN/MAX
70
°C
85
°C
AC PERFORMANCE
Filter Select = 9 MHz(1)
9
6.8/10.4
6.7/10.5
6.7/10.5
MHz
Min/Max
Filter Select = 16 MHz(1)
16
13.1/9.6
12.9/19.7
12.8/19.7
MHz
Min/Max
Buffer Output
Filter Select = 35 MHz(1)
35
28/40.5
27.8/41.3
27.7/41.3
MHz
Min/Max
Small-signal bandwidth
VO = 0.2 VPP
(–3 dB)
Filter Select = 75 MHz(1)
78
64/89
63.5/92.3
63.4/92.4
MHz
Min/Max
Filter Select = Bypass
500
MHz
Typ
MonitorOutput
500
MHz
Typ
Filter Select = 9 MHz
9
MHz
Typ
Filter Select = 16 MHz
16
MHz
Typ
Buffer Output
Filter Select = 35 MHz
35
MHz
Typ
Large-signal bandwidth
VO = 1 VPP
(–3 dB)
Filter Select = 75 MHz
78
MHz
Typ
Filter Select = Bypass
500
MHz
Typ
Monitor Output
VO = 2 VPP
425
MHz
Typ
Buffer Output
Filter Select = Bypass: VO = 1 VPP
1150
V/
µs
Typ
Slew rate
Monitor Output
VO = 2 VPP
1300
V/
µs
Typ
Filter Select = 9 MHz
56
ns
Typ
Filter Select = 16 MHz
31
ns
Typ
Buffer Output
Filter Select = 35 MHz
16
ns
Typ
Group delay at 100 kHz
Filter Select = 75 MHz
8
ns
Typ
Filter Select = Bypass
1.3
ns
Typ
Monitor Output
1.25
ns
Typ
Filter Select = 9 MHz: at 5.1 MHz
10.5
ns
Typ
Filter Select = 16 MHz: at 11 MHz
7.2
ns
Typ
Group delay variation
Buffer Output
with respect to 100 kHz
Filter Select = 35 MHz: at 27 MHz
4
ns
Typ
Filter Select = 75 MHz: at 54 MHz
2
ns
Typ
Filter Select = 9 MHz: at 5.75 MHz
0.4
-0.3/1.5
–0.35/1.55
–0.4/1.6
dB
Min/Max
Filter Select = 9 MHz: at 27 MHz
39
31
30.5
30
dB
Min
Filter Select = 16 MHz: at 11 MHz
0.5
-0.3/1.5
–0.35/1.55
–0.4/1.6
dB
Min/Max
Filter Select = 16 MHz: at 54 MHz
40
32
31.5
31
dB
Min
Attenuation with
Buffer Output (2)
respect to 100 kHz
Filter Select = 35 MHz: at 27 MHz
1
-0.3/2.7
-0.35/2.75
-0.4/2.8
dB
Min/Max
Filter Select = 35 MHz: at 74 MHz
27
19
18.5
18
dB
Min
Filter Select = 75 MHz: at 54 MHz
0.6
-0.3/1.8
–0.4/1.9
–0.45/2
dB
Min/Max
Filter Select = 75 MHz: at 148 MHz
25
17
16.5
16
dB
Min
Buffer Output
Filter Select = 9 MHz: NTSC/PAL
0.3/0.45
%
Typ
Differential gain
Monitor Output
NTSC/PAL
0.07/0.08
%
Typ
Buffer Output
Filter Select = 9 MHz: NTSC/PAL
0.45/0.5
°
Typ
Differential phase
Monitor Output
NTSC/PAL
0.07/0.08
°
Typ
Filter Select = 9 MHz
–61
dB
Typ
Filter Select = 16 MHz
–60
dB
Typ
Buffer Output
Total harmonic
Filter Select = 35 MHz
–57
dB
Typ
VO = 1 VPP
distortion
Filter Select = 75 MHz
–55
dB
Typ
f = 1 MHz
Filter Select = Bypass
–60
dB
Typ
Monitor Output
VO = 2 VPP
–60
dB
Typ
Filter Select = 9 MHz
80
dB
Typ
Filter Select = 16 MHz
77
dB
Typ
Buffer Output
Filter Select = 35 MHz
75
dB
Typ
Signal to noise ratio
(unified weighting)
Filter Select = 75 MHz
73
dB
Typ
Filter Select = Bypass(3)
66
dB
Typ
Monitor Output
See (3)
71
dB
Typ
(1)
The Min/Max values listed are specified by design only.
(2)
Performance guaranteed by design, characterization, and 3.3V testing only.
(3)
Bandwidth up to 100-MHz, No Weighting, Tilt Null
6
Submit Documentation Feedback


Similar Part No. - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results

Similar Description - THS7327

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com