Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7327PHP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS7327PHP
Description  3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7327PHP Datasheet(HTML) 5 Page - Texas Instruments

  THS7327PHP Datasheet HTML 1Page - Texas Instruments THS7327PHP Datasheet HTML 2Page - Texas Instruments THS7327PHP Datasheet HTML 3Page - Texas Instruments THS7327PHP Datasheet HTML 4Page - Texas Instruments THS7327PHP Datasheet HTML 5Page - Texas Instruments THS7327PHP Datasheet HTML 6Page - Texas Instruments THS7327PHP Datasheet HTML 7Page - Texas Instruments THS7327PHP Datasheet HTML 8Page - Texas Instruments THS7327PHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
THS7327
SLOS502 – SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS, V
A = VDD = 3.3 V (continued)
R
L = 150 Ω || 5 pF to GND for Monitor Output, 19 kΩ || 8 pF Load to GND for ADC Buffer, ADC Buffer Filter = 9 MHz, SAG
pin shorted to Monitor Output Pin (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
25
°C
25
°C
UNITS
MIN/MAX
70
°C
85
°C
Bias = ac bias mode
25
k
Typ
Input resistance
Bias = dc, dc + Shift, ac STC
3
M
Typ
Input capacitance
1.5
pF
Typ
OUTPUT CHARACTERISTICS – MONITOR OUTPUT
RL = 150 Ω to Midrail
3.15
2.9
2.8
2.8
V
Min
RL = 150 Ω to GND
3.05
2.85
2.75
2.75
V
Min
High output voltage swing
RL = 75 Ω to Midrail
3.05
V
Min
RL = 75 Ω to GND
2.9
V
Min
RL = 150 Ω to Midrail
0.15
0.25
0.28
0.29
V
Min
RL = 150 Ω to GND
0.1
0.18
0.21
0.22
V
Min
Low output voltage swing
RL = 75 Ω to Midrail
0.25
V
Min
RL = 75 Ω to GND
0.08
V
Min
Sourcing
RL = 10 Ω to Midrail
80
50
47
45
mA
Min
Output current
Sinking
RL = 10 Ω to Midrail
75
50
47
45
mA
Min
OUTPUT CHARACTERISTICS – BUFFER OUTPUT
High Output Voltage Swing (Limited by input
2
1.8
1.75
1.75
V
Min
range and G = 0dB)
Load = 19k
Ω||8pF to Midrail
Low Output Voltage Swing (Limited by input
0.14
0.24
0.27
0.28
V
Max
range and G = 0dB)
Sourcing
RL = 10
Ω to GND
80
50
47
45
mA
Min
Output Current
Sinking
RL = 10
Ω to Midrail
75
50
47
45
mA
Min
POWER SUPPLY – ANALOG
Maximum operating voltage
VA
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
VA
3.3
2.7
2.7
2.7
V
Min
Maximum quiescent current
VA, DC+Shift Mode, Vin = 100 mV
100
120
123
125
mA
Max
Minimum quiescent current
VA, DC+Shift Mode, Vin = 100 mV
100
80
77
75
mA
Min
Power supply rejection (+PSRR)
Buffer Output
50
dB
Typ
POWER SUPPLY – DIGITAL
Maximum operating voltage
VDD
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
VDD
3.3
2.7
2.7
2.7
V
Min
Maximum quiescent current
VDD, Vin = 0 V
0.65
1.2
1.3
1.4
mA
Max
Minimum quiescent current
VDD, Vin = 0 V
0.65
0.35
0.3
0.25
mA
Min
DISABLE CHARACTERISTICS – ALL CHANNELS DISABLED
Quiescent current
All 3 channels disabled (3)
0.1
µA
Typ
Turn-on time delay (tON)
5
µs
Typ
Time for ls to reach 50% of final value after I2C
control is initiated
Turn-on time delay (tOFF)
2
µs
Typ
HV SYNC CHARACTERISTICS – RLoad = 1 k
Ω To GND
Schmitt Trigger Adj. Pin Voltage
Reference for Schmitt Trigger
1.48
1.35/1.6
1.3/1.65
1.27/1.68
V
Min/Max
Schmitt Trigger Threshold Range
Allowable range for Sch. Trig. Adj.
0.9 to 2
V
Typ
Positive Going Input Voltage Threshold Relative to
Schmitt Trigger VT+
0.25
V
Typ
Schmitt Trigger Threshold
Schmitt Trigger VT–
Negative Going Input Voltage Threshold Relative to
-0.3
V
Typ
Schmitt Trigger Threshold
Schmitt Trigger Threshold Pin Input
10
k
Typ
Input Resistance into Control Pin
Resistance
H V Sync Input Impedance
10
M
Typ
H V Sync High Output Voltage
1k
Ω to GND
3.15
3.05
3
3
V
Min
H V Sync Low Output Voltage
1k
Ω to GND
0.01
0.05
0.1
0.1
V
Max
H V Sync Source Current
10
Ω to GND
50
35
30
30
mA
Min
H V Sync Sink Current
10
Ω to VDD
35
25
23
21
mA
Min
H V Delay
Delay from Input to Output
6.5
ns
Typ
H V to Buffer Output Skew
No Filter on Buffer Channel
5
ns
Typ
(3)
Note that the I2C circuitry is still active while in Disable mode. The current shown is while there is no activity with the THS7327’s
circuitry.
5
Submit Documentation Feedback


Similar Part No. - THS7327PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCR TI-THS7320IYHCR Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
THS7320IYHCT TI-THS7320IYHCT Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
More results

Similar Description - THS7327PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347 TI-THS7347 Datasheet
481Kb / 28P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
[Old version datasheet]   3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7303 TI-THS7303 Datasheet
5Mb / 43P
[Old version datasheet]   3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
[Old version datasheet]   3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com