Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9389 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9389
Description  800 MHz High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389 Datasheet(HTML) 1 Page - Analog Devices

  AD9389 Datasheet HTML 1Page - Analog Devices AD9389 Datasheet HTML 2Page - Analog Devices AD9389 Datasheet HTML 3Page - Analog Devices AD9389 Datasheet HTML 4Page - Analog Devices AD9389 Datasheet HTML 5Page - Analog Devices AD9389 Datasheet HTML 6Page - Analog Devices AD9389 Datasheet HTML 7Page - Analog Devices AD9389 Datasheet HTML 8Page - Analog Devices AD9389 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
800 MHz High Performance
HDMI™/DVI Transmitter
AD9389
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
HDMI/DVI transmitter compatible with HDMI 1.1 and
HDCP 1.1
Single 1.8 V power supply
Video/audio inputs are 3.3 V tolerant
Supports HDCP 1.1 with encrypted internal HDCP key
storage
80-lead LQFP
Digital video
80 MHz operation supports all video formats from 480i to
1080i and 720p
Programmable 2-way color space converter
Supports RGB, YCbCr, DDR, ITU656 formats
Auto input video format detection
Digital audio
Supports standard S/PDIF for stereo or compressed audio
up to 192 kHz
8-channel LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU to perform HDCP operations
On-chip I2C® master to handle EDID reading
5 V tolerant I2C and MPD I/Os, no extra device needed
No audio master clock needed for S/PDIF support
APPLICATIONS
DVD players and recorders
Digital set-top boxes
AV receivers
Digital cameras and camcorders
FUNCTIONAL BLOCK DIAGRAM
REGISTER
CONFIGURATION
LOGIC
SDA
CLK
VSYNC
HSYNC
DE
D[23:0]
S/PDIF
MCLK
HTPG
SCL
Tx0[1:0]
Tx1[1:0]
Tx2[1:0]
TxC[1:0]
SWING_ADJ
I2S[3:0]
DDSDA
DDCSCL
COLOR
SPACE
CONVERSION
4:2:2
TO
4:4:4
CONVERSION
VIDEO
DATA
CAPTURE
I2C
MASTER
I2C
SLAVE
HDCP
CONTROLLER
HDCP
CIPHER
HDM
ITX
CORE
XOR
MASK
AUDIO
DATA
CAPTURE
AD9389
Figure 1.
GENERAL DESCRIPTION
The AD9389 is an 80 MHz high-definition multimedia inter-
face (HDMI 1.1) transmitter. It supports HDTV formats up to
1080i and 720p, and graphic resolutions up to XGA (1024 × 768
@ 75 Hz). With the inclusion of HDCP, the AD9389 allows the
secure transmission of protected content as specified by the
HDCP 1.1 protocol.
The AD9389 supports both S/PDIF and 8-channel I2S audio.
Its high fidelity 8-channel I2S can transmit either stereo or
7.1 surround audio at 192 kHz. The S/PDIF can carry stereo
LPCM (linear pulse code modulation) audio or compressed
audio including Dolby® Digital, DTS®, and THX®.
The AD9389 helps to reduce system design complexity and cost
by incorporating such features as HDCP master, I2C master for
EDID reading, a single 1.8 V power supply, and 5 V tolerance
on I2C and hot plug detect pins.
Fabricated in an advanced CMOS process, the AD9389 is pro-
vided in a space-saving, 80-lead, surface-mount, Pb-free plastic
LQFP and is specified over the 0°C to 70°C temperature range.
EVALUATION KITS AND OTHER RESOURCES
Evaluation kits, reference design schematics, software quick
start guide, and codes are available from the Analog Devices
local sales and marketing personnel.


Similar Part No. - AD9389

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389AKCPZ-80 AD-AD9389AKCPZ-80 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Similar Description - AD9389

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com