Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4156BRUZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4156BRUZ-RL
Description  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BRUZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4156BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 11Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 12Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 13Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 14Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADF4156
Rev. 0 | Page 11 of 24
FRAC/INT REGISTER, R0
With R0[2, 1, 0] set to [0, 0, 0], the on-chip FRAC/INT register
is programmed. Figure 17 shows the input data format for
programming this register.
12-Bit INT Value
These twelve bits control what is loaded as the INT value. This
determines the overall feedback division factor. It is used in
Equation 1 (see the INT, FRAC, MOD, and R Relationship
section).
12-Bit FRAC Value
These twelve bits control what is loaded as the FRAC value into
the fractional interpolator. This is part of what determines the
overall feedback division factor. It is also used in Equation 1.
The FRAC value must be less than the value loaded into the
MOD register.
MUXOUT
The on-chip multiplexer is controlled by DB30, DB29, DB28,
and DB27 on the ADF4156. See Figure 17 for the truth table.
DB31
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
M4
M3
M2
M1
N12
N11
N10
N9
RE-
SERVED
MUXOUT CONTROL
12-BIT INTEGER VALUE (INT)
12-BIT FRACTIONAL VALUE (FRAC)
CONTROL
BITS
N8
N7
N6
N5
N4
N3
N2
N1
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1 C3(0) C2(0) C1(0)
M4
M3
M2
M1
OUTPUT
0
0
0
0
THREE-STATE OUTPUT
00
0
1
DVDD
0
0
1
0
DGND
0
0
1
1
R DIVIDER OUTPUT
0
1
0
0
N DIVIDER OUTPUT
0
1
0
1
ANALOG LOCK DETECT
0
1
1
0
DIGITAL LOCK DETECT
0
1
1
1
SERIAL DATA OUTPUT
1
0
0
0
RESERVED
1
0
0
1
RESERVED
1
0
1
0
CLK DIVIDER
1
0
1
1
RESERVED
1
1
0
0
RESERVED
1
1
0
1
R DIVIDER/2
1
1
1
0
N DIVIDER/2
1
1
1
1
RESERVED
F12
F11
.......... F2
F1
FRACTIONAL VALUE (FRAC)
0
0
.......... 0
0
0
0
0
.......... 0
1
1
0
0
.......... 1
0
2
0
0
.......... 1
1
3
.
.
.......... .
.
.
.
.
.......... .
.
.
.
.
.......... .
.
.
1
1
.......... 0
0
4092
1
1
.......... 0
1
4093
1
1
.......... 1
0
4094
1
1
.........
1
1
4095
N12
N11
N10
N9
N8
N7
N6
N5
N4N3
N2N1INTEGER VALUE (INT)
0
0
0
00
0
0
10
1
1
1
23
0
0
0
00
0
0
11
0
0
0
24
0
0
0
00
0
0
11
0
0
1
25
0
0
0
00
0
0
11
0
1
0
26
.
.
.
..
.
.
..
.
.
.
.
.
.
.
..
.
.
..
.
.
.
.
.
.
.
..
.
.
..
.
.
.
.
1
1
1
11
1
1
11
1
0
1
4093
1
1
1
11
1
1
11
1
1
0
4094
1
1
1
11
1
1
11
1
1
1
4095
Figure 17. FRAC/INT Register (R0) Map


Similar Part No. - ADF4156BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4156BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com