Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG859YRYZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADG859YRYZ-REEL
Description  1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG859YRYZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG859YRYZ-REEL Datasheet HTML 7Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 8Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 9Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 10Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 11Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 12Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 13Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 14Page - Analog Devices ADG859YRYZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG859
Rev. 0 | Page 11 of 16
VDD
VS
VDD
VIN
NC
IN
NETWORK
ANALYZER
S1
S2
GND
OFF ISOLATION = 20 LOG
D
50
Ω
50
Ω
VOUT
RL
50
Ω
0.1
μF
VOUT
VS
Figure 22. Off Isolation
VOUT
VDD
IN
VDD
GND
VS
RL
50
Ω
R
50
Ω
0.1
μF
50
Ω
S1
D
S2
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT
VS
NETWORK
ANALYZER
Figure 23. Channel-to-Channel Crosstalk
VDD
VS
VDD
VIN
NC
IN
NETWORK
ANALYZER
S1
S2
GND
D
50
Ω
VOUT
RL
50
Ω
0.1
μF
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 24. Bandwidth


Similar Part No. - ADG859YRYZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
More results

Similar Description - ADG859YRYZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com