Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4156BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADF4156BCPZ Datasheet HTML 1Page - Analog Devices ADF4156BCPZ Datasheet HTML 2Page - Analog Devices ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADF4156
Rev. 0 | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 2.7 V to 3.3 V, VP = AVDD to 5.5 V, AGND = DGND = 0 V, TA = TMIN to TMAX, dBm referred to 50 Ω, unless
otherwise noted.
Table 1.
Parameter
B Version
Unit
Test Conditions/Comments1
RF CHARACTERISTICS
RF Input Frequency (RFIN)
0.5/6.0
GHz min/max
−10 dBm min to 0 dBm max; for lower frequencies,
ensure slew rate (SR) > 400 V/μs
REFERENCE CHARACTERISTICS
REFIN Input Frequency
10/250
MHz min/max
For f < 10 MHz, use a dc-coupled CMOS-compatible
square wave, slew rate > 25 V/μs
REFIN Input Sensitivity
0.4/AVDD
V p-p min/max
Biased at AVDD/22
REFIN Input Capacitance
10
pF max
REFIN Input Current
±100
μA max
PHASE DETECTOR
Phase Detector Frequency3
32
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable
High Value
5
mA typ
With RSET = 5.1 kΩ
Low Value
312.5
μA typ
Absolute Accuracy
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
2.7/10
kΩ min/max
ICP Three-State Leakage Current
1
nA typ
Sink and source current
Matching
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. VCP
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. Temperature
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
μA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V min
Open-drain output chosen; 1 kΩ pull-up to 1.8 V
VOH, Output High Voltage
VDD – 0.4
V min
CMOS output chosen
IOH
100
μA max
VOL, Output Low Voltage
0.4
V max
IOL = 500 μA
POWER SUPPLIES
AVDD
2.7/3.3
V min/V max
DVDD
AVDD
VP
AVDD/5.5
V min/V max
IDD
32
mA max
26 mA typical
NOISE CHARACTERISTICS
Normalized Phase Noise Floor4
−211
dBc/Hz typ
Phase Noise Performance5
@ VCO output
5800 MHz Output6
−89
dBc/Hz typ
@ 5 kHz offset, 25 MHz PFD frequency
1 Operating temperature for B version: −40°C to +85°C.
2 AC coupling ensures AVDD/2 bias.
3 Guaranteed by design. Sample tested to ensure compliance.
4 This figure can be used to calculate phase noise for any application. Use the formula –213 + 10log(fPFD) + 20logN to calculate in-band phase noise performance as seen
at the VCO output. The value given is the lowest noise mode.
5 The phase noise is measured with the EVAL-ADF4156EB1 evaluation board and the Agilent E5500 phase noise system.
6 fREFIN = 100 MHz; fPFD = 25 MHz; offset frequency = 5 kHz; RFOUT = 5800 MHz; N = 232; loop B/W = 20 kHz, ICP = 313 μA; lowest noise mode.


Similar Part No. - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4156BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com