Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG859BRYZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADG859BRYZ-REEL
Description  1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG859BRYZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG859BRYZ-REEL Datasheet HTML 3Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 4Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 5Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 6Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 7Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 8Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 9Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 10Page - Analog Devices ADG859BRYZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG859
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
012
3
4
5
VS/VD (V)
VDD = 4.5V
VDD = 5V
VDD = 5.5V
TA = 25°C
IDS = 100mA
Figure 3. On Resistance vs. VS (VD); VDD = 5 V ± 10%
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS/VD (V)
VDD = 2.7V
VDD = 3V
VDD = 3.3V
VDD = 3.6V
TA = 25°C
IDS = 100mA
Figure 4. On Resistance vs. VS (VD); VDD = 2.7 V to 3.6 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SOURCE VOLTAGE (V)
+125
°C
+85
°C
+25
°C
–40
°C
VDD = 5V
IDS = 100mA
Figure 5. On Resistance vs. Source Voltage for Different Temperatures,
VDD = 5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
1.5
0
0.5
2.0
2.5
3.0
SOURCE VOLTAGE (V)
–40
°C
+25
°C
+85
°C
+125
°C
VDD = 3V
IDS = 100mA
Figure 6. On Resistance vs. Source Voltage for Different Temperatures,
VDD = 3 V
–1
0
1
2
3
4
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (
°C)
5
IS (OFF)
ID, IS (ON)
VDD = 5V
Figure 7. Leakage vs. Temperature, VDD = 5 V
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (
°C)
ID, IS (ON)
IS (OFF)
VDD = 3V
Figure 8. Leakage vs. Temperature, VDD = 3 V


Similar Part No. - ADG859BRYZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
More results

Similar Description - ADG859BRYZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
   Switch/2:1 MUX in SOT-66 Package
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com