Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16006CCCZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADIS16006CCCZ
Description  Dual-Axis -5 Accelerometer with SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16006CCCZ Datasheet(HTML) 2 Page - Analog Devices

  ADIS16006CCCZ Datasheet HTML 1Page - Analog Devices ADIS16006CCCZ Datasheet HTML 2Page - Analog Devices ADIS16006CCCZ Datasheet HTML 3Page - Analog Devices ADIS16006CCCZ Datasheet HTML 4Page - Analog Devices ADIS16006CCCZ Datasheet HTML 5Page - Analog Devices ADIS16006CCCZ Datasheet HTML 6Page - Analog Devices ADIS16006CCCZ Datasheet HTML 7Page - Analog Devices ADIS16006CCCZ Datasheet HTML 8Page - Analog Devices ADIS16006CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADIS16006
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 4
Circuit and Timing Diagrams..................................................... 4
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 11
Self-Test ....................................................................................... 11
Serial Interface ............................................................................ 11
Accelerometer Serial Interface.................................................. 11
Temperature Sensor Serial Interface........................................ 12
Power Supply Decoupling ......................................................... 12
Setting the Bandwidth ............................................................... 13
Selecting Filter Characteristics:
The Noise/Bandwidth Trade-Off ............................................. 13
Applications..................................................................................... 14
Second Level Assembly ............................................................. 14
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
3/06—Revision 0: Initial Version


Similar Part No. - ADIS16006CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16006 AD-ADIS16006 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16006 AD-ADIS16006 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16006/PCBZ AD-ADIS16006/PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16006PCBZ AD-ADIS16006PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16006PCBZ AD-ADIS16006PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16006CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
logo
VTI technologies
SCA2100-D01 VTI-SCA2100-D01 Datasheet
106Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2110-D03 VTI-SCA2110-D03 Datasheet
105Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA830-D05 VTI-SCA830-D05 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2120-D05 VTI-SCA2120-D05 Datasheet
105Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA820-D03 VTI-SCA820-D03 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA810-D01 VTI-SCA810-D01 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2120-D07 VTI-SCA2120-D07 Datasheet
129Kb / 4P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com