Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5500ACBZ-P2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5500ACBZ-P2
Description  100 MHz to 6 GHz TruPwr Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5500ACBZ-P2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5500ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 9Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5500ACBZ-P2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5500
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VRMS
COMM
TOP VIEW
(BUMP SIDE DOWN)
Not to Scale
BUMP 1
INDICATOR
VPOS
RFIN
1
2
4
3
Figure 3. 4-Ball WLCSP Pin Configuration
Table 3. Pin Function Descriptions
Ball No.
Mnemonic
Description
1
VRMS
Output Pin. Rail-to-rail voltage output with limited current drive capability. The output has an internal 1 kΩ
series resistance. High resistive loads are recommended to preserve output swing.
2
COMM
Device Ground Pin.
3
RFIN
Signal Input Pin. Internally ac-coupled after internal termination resistance. Nominal 50 Ω input impedance.
4
VPOS
Supply Voltage Pin. Operational range 2.7 V to 5.5 V.


Similar Part No. - ADL5500ACBZ-P2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL55001 AD-ADL55001 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results

Similar Description - ADL5500ACBZ-P2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
   200 MHz to 6 GHz 35 dB TruPwr??Detector
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
   10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com