Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3210 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL-3210
Description  IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3210 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3210 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Electrical and Optical Specifications
Specifications hold over the recommended operating conditions unless otherwise noted. Unspecified test conditions may be
anywhere in their operating range. All typical values are at 25
°C and 3.0 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Notes
Receiver
RXD Output Voltage
Logic High
VOH
IOVCC -0.2
IOVCC
VIOH=-200 µA, EI ≤0.3
µW/cm2
Logic Low
VOL
0
0.4
V
IOL=200 µA8
Viewing Angle
2
φ1/2
30
°
Peak Sensitivity Wavelength
λp
880
nm
RXD Pulse Width (SIR)
tPW (SIR) 1
7.5
µsCL =10 pF
8,9
RXD Pulse Width (MIR)
tPW(MIR) 200
750
ns
CL =10 pF
9
RXD Rise and Fall Times
tR, tF
25
100
ns
CL =10 pF
Receiver Latency Time
tL
25
50
µs10
Receiver Wake Up Time
tRW
30
100
µs11
Transmitter
Radiant Intensity (SIR)
IEH
4
15
28.8
mW/Sr TA=25°C, θ1/2 ≤15°, TXD ≥ VIH
Radiant Intensity (MIR)
IEH
9
30
72
mW/Sr TA=25°C, θ1/2 ≤15°, TXD ≥ VIH
Peak Wavelength
λp
875
nm
Spectral Line Half Width
∆λ1/2
35
nm
Viewing Angle
2
φ1/2
30
60
°
Optical Pulse Width (SIR)
tpw
1.41
1.6
2.23
µs
tpw(TXD) = 1.6
µs
Optical Pulse Width
(MIR, IOVCC ≥1.5 V)
tpw
148
217
260
ns
tpw(TXD) = 217 ns
Optical Rise and Fall Times (SIR)
tr (EI)
50
600
ns
tpw(TXD) = 1.6
µs
tf (EI)
Optical Rise and Fall Times (MIR)
tr (EI)
30
40
ns
tpw(TXD) = 1.6
µs
tf (EI)
LED Current
On (SIR)
IVLED
60
72
mA
VVLED=VCC=3.6 V, VI(TXD) ≥ VIH
On (MIR)
IVLED
150
180
mA
VVLED=VCC=3.6 V, VI(TXD) ≥ VIH
Current Off
IVLED
0.005
1
µsVVLED=VCC=3.6 V, VI(TXD) ≤ VIL
Transceiver
TXD Input Current
High
IH
10
200
nA
VI ≥ VIH
Low
IL
-10
-200
nA
0
≤ VI ≤ VIL
Supply Current
Shutdown
ICC1
0.01
µAVCC=3.6 V, VSD ≥ VCC - 0.5,
TA=25°C
Idle
ICC2
300
450
µAVCC=3.6 V, VI(TXD) ≤ VIL,EI=0
Active,
ICC3
0.8
3.0
mA
VCC=3.6 V, VI(TXD) ≤ VIL
12,13
Receive
Notes:
7. An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 nm ≤ λp ≤ 900 nm,
and the pulse characteristics are compliant with the IrDA Serial Infrared Physical Layer Link Specification.
8. For in band signals
≤ 1.152 Mbps where 9 µW/cm2 ≤ EI ≤ 500 mW/cm2.
9. For 0.576 Mbps
≤ in band signals ≤ 1.152 Mbps where 22.5 µW/cm2 ≤ EI ≤ 500 mW/cm2 .
10. Latency is defined as the time from the last TXD light output pulse until the receiver has recovered full sensitivity.
11. Receiver wake up time is measured from the SD pin high to low transition or VCC power on, to valid RXD output.
12. Typical values are at EI = 10 mW/cm2.
13. Maximum value is at EI = 500 mW/cm2.


Similar Part No. - HSDL-3210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3210-021 AVAGO-HSDL-3210-021 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
   IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com