Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8769 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8769
Description  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8769 Datasheet HTML 1Page - NXP Semiconductors TDA8769 Datasheet HTML 2Page - NXP Semiconductors TDA8769 Datasheet HTML 3Page - NXP Semiconductors TDA8769 Datasheet HTML 4Page - NXP Semiconductors TDA8769 Datasheet HTML 5Page - NXP Semiconductors TDA8769 Datasheet HTML 6Page - NXP Semiconductors TDA8769 Datasheet HTML 7Page - NXP Semiconductors TDA8769 Datasheet HTML 8Page - NXP Semiconductors TDA8769 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2003 Dec 09
3
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
1
FEATURES
• 12-bit resolution
• Optimized for both Nyquist and high IF sampling
• High-speed sampling rate up to 105 MHz
• Maximum analog input frequency of 330 MHz (see
Application section)
• Only 2 clock cycles latency
• 5 V power supplies and 3.3 V output power supply
• Binary or two’s-complement CMOS outputs
• Programmable Complete Conversion Signal (CCS)
CMOS output
• In-range CMOS compatible output
• CMOS compatible static digital inputs
• LVTTL and LVCMOS compatible digital outputs
• Differential clock input PECL; sine wave and TTL
compatible
• Integrated track-and-hold amplifier
• Differential analog input
• External amplitude range control
• Full-scale controllable from 1.5 to 1.9 V (p-p)
• Voltage controlled regulator included
• Temperature range from −40 to +85 °C.
2
APPLICATIONS
• Cellular infrastructure (2.5G, 3G, etc.)
• Base stations and “Zero-IF” or direct IF sampling
subsystems
• Wireless and wired broadband communications
• Wireless Local Loop (WLL)
• Local Multipoint Distribution Service (LMDS)
• Advanced Frequency Modulation (FM) radio
• Imaging (camera scanner and medical)
• Cable modem or set top box
• Radar and satellite hub systems.
3
GENERAL DESCRIPTION
The TDA8769 is a BiCMOS 12-bit Analog-to-Digital
Converter (ADC) optimized for GSM/EDGE, W-CDMA and
CDMA2000 radio transceivers, high data rate radios and
other applications such as advanced FM radio and
professional imaging. Its main innovation is the RF
sampling, based on a high-speed clock of up to 105 Msps
combined with high input frequencies of up to 250 MHz.
It converts the analog input signal into 12-bit binary coded
digital words at a maximum sampling rate of 105 MHz.
The TDA8769 analog performances have been proven in
various multi-carrier 3G radio receivers, providing the
best-in-class Adjacent Channel Selectivity (ACS) up to
80 dB.
Moreover the TDA8769 offers the lowest clock cycle
latency, which enables competitive and optimized
feedback loops in controlled systems.
All static digital inputs (TH, CEN, OTC, DEL0 and DEL1)
are CMOS compatible and all outputs are LVTTL and
LVCMOS compatible. A sine wave clock input signal can
also be used.
4
QUICK REFERENCE DATA
Tbf.
5
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
SAMPLING
FREQUENCY
(MHz)
NAME
DESCRIPTION
VERSION
TDA8769HW/6
HTQFP48
plastic thermal enhanced thin quad flat package;
48 leads; body 7
× 7 × 1.0 mm; heatsink
SOT545-2
60
TDA8769HW/8
80
TDA8769HW/10
105


Similar Part No. - TDA8769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K PHILIPS-TDA8760K Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/2 PHILIPS-TDA8760K/2 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/4 PHILIPS-TDA8760K/4 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

Similar Description - TDA8769

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
Texas Instruments
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com