Electronic Components Datasheet Search |
|
050-624-9399 Datasheet(PDF) 9 Page - ITT Industries |
|
050-624-9399 Datasheet(HTML) 9 Page - ITT Industries |
9 / 42 page Dimensions are shown in mm (inch) Dimensions subject to change 110 RF Coaxial Connectors Assembly Instructions AI-90, AI-237, AI-773 & BBAI-1212 SMA & MCX Right Angle Connectors, Crimp Type for Braided Cable HEAT SHRINKABLE TUBING CRIMP FERRULE CAP BODY ASSEMBLY 1. Slide ferrule and (if supplied) heat shrinkable tubing on to cable. 2. Trim cable to dimensions shown. 3. Tin center conductor (DO NOT OVER TIN). 4. Slide body over cable dielectric and under the braid until braid is flush against under-side of body. Ensure center conductor is located in the forked end of the contact. NOTE: When using cables with inflexible jackets it is permissible to make two 3,17 (.125) longitudinal slits in the outer jacket. 5. Slide ferrule flush against the body and crimp in position using ITT Cannon’s Crimp Tool and suitable die set (see table). 6. Using a small soldering iron solder center conductor to contact. NOTE: The center conductor should not protrude beyond the contact or touch the body. Solder should not protrude beyond the slotted section of the contact. 7. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position. 8. Slide heat shrinkable tubing over ferrule flush against body and heat until tubing shrinks down. Only common cable retention features are shown in detail. Various body configurations can apply. Cable Cable Code Die Size RG142/U 9142 5,42 (.213) RG196/U 9196 2,67 (.105) RG316/U 9188 3,25 (.128) RD 316 9399/9875 3,84 (.151) Assembly Instruction No. A B C AI-90 & AI-237 11,10 (.437) 5,16 (.203) 1,57 (.062) AI-773 11,68 (.460) 4,55 (.179) 1,78 (.070) BBAI-1212 8,50 (.335) 3,00 (.118) 2,00 (.078) |
Similar Part No. - 050-624-9399 |
|
Similar Description - 050-624-9399 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |