Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-645-4526 Datasheet(PDF) 9 Page - ITT Industries

Part # 050-645-4526
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-645-4526 Datasheet(HTML) 9 Page - ITT Industries

Back Button 050-645-4526 Datasheet HTML 5Page - ITT Industries 050-645-4526 Datasheet HTML 6Page - ITT Industries 050-645-4526 Datasheet HTML 7Page - ITT Industries 050-645-4526 Datasheet HTML 8Page - ITT Industries 050-645-4526 Datasheet HTML 9Page - ITT Industries 050-645-4526 Datasheet HTML 10Page - ITT Industries 050-645-4526 Datasheet HTML 11Page - ITT Industries 050-645-4526 Datasheet HTML 12Page - ITT Industries 050-645-4526 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
110
RF Coaxial Connectors
Assembly Instructions
AI-90, AI-237, AI-773 & BBAI-1212
SMA & MCX Right Angle Connectors, Crimp Type for Braided Cable
HEAT SHRINKABLE
TUBING
CRIMP
FERRULE
CAP
BODY ASSEMBLY
1. Slide ferrule and (if supplied) heat shrinkable tubing on to cable.
2. Trim cable to dimensions shown.
3. Tin center conductor (DO NOT OVER TIN).
4. Slide body over cable dielectric and under the braid until braid is flush against under-side of body.
Ensure center conductor is located in the forked end of the contact.
NOTE: When using cables with inflexible jackets it is permissible to make two 3,17 (.125)
longitudinal slits in the outer jacket.
5. Slide ferrule flush against the body and crimp in position using ITT Cannon’s Crimp Tool and
suitable die set (see table).
6. Using a small soldering iron solder center conductor to contact.
NOTE: The center conductor should not protrude beyond the contact or touch the body. Solder
should not protrude beyond the slotted section of the contact.
7. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position.
8. Slide heat shrinkable tubing over ferrule flush against body and heat until tubing shrinks down.
Only common cable retention features are shown in detail. Various body configurations can apply.
Cable
Cable Code
Die Size
RG142/U
9142
5,42 (.213)
RG196/U
9196
2,67 (.105)
RG316/U
9188
3,25 (.128)
RD 316
9399/9875
3,84 (.151)
Assembly Instruction No.
A
B
C
AI-90 & AI-237
11,10 (.437)
5,16 (.203)
1,57 (.062)
AI-773
11,68 (.460)
4,55 (.179)
1,78 (.070)
BBAI-1212
8,50 (.335)
3,00 (.118)
2,00 (.078)


Similar Part No. - 050-645-4526

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-628-9188890 ITT-050-628-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-651-0000310 ITT-050-651-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-653-0000310 ITT-050-653-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results

Similar Description - 050-645-4526

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com