Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-645-4528 Datasheet(PDF) 8 Page - ITT Industries

Part # 050-645-4528
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-645-4528 Datasheet(HTML) 8 Page - ITT Industries

Back Button 050-645-4528 Datasheet HTML 4Page - ITT Industries 050-645-4528 Datasheet HTML 5Page - ITT Industries 050-645-4528 Datasheet HTML 6Page - ITT Industries 050-645-4528 Datasheet HTML 7Page - ITT Industries 050-645-4528 Datasheet HTML 8Page - ITT Industries 050-645-4528 Datasheet HTML 9Page - ITT Industries 050-645-4528 Datasheet HTML 10Page - ITT Industries 050-645-4528 Datasheet HTML 11Page - ITT Industries 050-645-4528 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
109
Mounting
RF Coaxial Connectors
Mounting Information
Recommended Mounting Hole Dimensions
Plan R
Plan S
Plan T
Plan U - AA
Plan BB-CC
Plan FF
Plan DD
Plan EE
Plan
Thread Size
A
B
U
6-40 UNF-2A
3,56 (.140)
3,20 (.126)
V
10-32 UNF-2A
4,95 (.195)
4,50 (.177)
W
1/4-36 UNS-2A
6,73 (.265)
5,92 (.233)
X
5/16-32 UNEF-2A
7,94 (.313)
7,40 (.291)
Y
7/16-28 UNEF-2A
11,91 (.469)
10,41 (.410)
Z
1/2-28 UNEF-2A
13,08 (.515)
12,19 (.480)
AA
5/8-24 UNEF-2A
16,26 (.640)
15,24 (.600)
+0,13 (.005)
+0,13 (.005)
−0,00 (.000)
−0,00 (.000)
Plan
Thread Size
A
B
BB
M9
9,20 (.362)
8,20 (.322)
CC
M5
5,90 (.232)
5,00 (.197)
+0,10 (.004)
+0,10 (.004)
−0,03 (.001)
−0,03 (.001)


Similar Part No. - 050-645-4528

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-628-9188890 ITT-050-628-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-651-0000310 ITT-050-651-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-653-0000310 ITT-050-653-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results

Similar Description - 050-645-4528

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com