Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9201K1H3ZQD Datasheet(PDF) 6 Page - ITT Industries

Part # 9201K1H3ZQD
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9201K1H3ZQD Datasheet(HTML) 6 Page - ITT Industries

  9201K1H3ZQD Datasheet HTML 1Page - ITT Industries 9201K1H3ZQD Datasheet HTML 2Page - ITT Industries 9201K1H3ZQD Datasheet HTML 3Page - ITT Industries 9201K1H3ZQD Datasheet HTML 4Page - ITT Industries 9201K1H3ZQD Datasheet HTML 5Page - ITT Industries 9201K1H3ZQD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
G-53
G
C&K 9000 Series
Power Toggle Switches
AVAILABLE HARDWARE
.383
(9,73)
.312
(7,92)
.843
(21,41)
Cap
Compatible with S actuator
PART NO.
896801000
WHITE
896802000
BLACK
896803000
RED
Material: Polyethylene
Finish: Matte
Cap
Compatible with S actuator
PART NO.
706201000
WHITE
706202000
BLACK
706203000
RED
Material: Vinyl
Finish: Matte
L43 Actuator
PART NO.
481202000
BLACK
481203000
RED
Material: Nylon
Finish: Matte
NOTE: Additional nuts, locking rings and lockwashers
available separately, see Section O.
Other colors available, consult Customer Service Center.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9201K1H3ZQD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
B&K Precision Corporati...
9201 BK-9201 Datasheet
2Mb / 4P
   Multi-Range Programmable DC Power Supplies
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201K1H3ZQD

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com