Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-136 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # AN-136
Description  A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AN-136 Datasheet(HTML) 2 Page - Integrated Device Technology

  AN-136 Datasheet HTML 1Page - Integrated Device Technology AN-136 Datasheet HTML 2Page - Integrated Device Technology AN-136 Datasheet HTML 3Page - Integrated Device Technology AN-136 Datasheet HTML 4Page - Integrated Device Technology AN-136 Datasheet HTML 5Page - Integrated Device Technology AN-136 Datasheet HTML 6Page - Integrated Device Technology AN-136 Datasheet HTML 7Page - Integrated Device Technology AN-136 Datasheet HTML 8Page - Integrated Device Technology AN-136 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
A NEW GENERATION OF TAG SRAMS—THE IDT71215 AND IDT71216
APPLICATION NOTE AN-136
Integrated Tag RAMs operate as ordinary SRAMs, but
have an additional access mode in which a word of data (an
index) is internally read (but not driven off-chip) and compared
with the CPU address driven onto the Tag RAM’s data bus.
Figure 2 shows the basic architecture of an integrated Tag
SRAM.
The comparator indicates whether the cache holds
the data for the address supplied by the CPU or other bus
master. This is a critical timing path since this tag “hit” or “miss”
must be determined before the cache memory access can be
completed (or even started, in many cases). Note that tag
memories connect only to the CPU address bus and never to
the CPU data bus.
BASIC TAG RAM ARCHITECTURE
DATAIN
DATAOUT
MEMORY
ADDRESS
DATA
(TAG)
WRITE
READ
COMPARE
MATCH
3176 drw 02
Figure 2. Basic Integrated Tag SRAM Architecture
An additional feature of the Tag SRAM is that a portion of
the memory is resettable. This permits use of one bit of the
data field as a “valid” status bit. Upon system initialization,
when the cache contains random data, a quick reset will clear
the valid bit for every cache line so that all initial cache
accesses will result in a miss. A miss then causes the address
to be loaded into the Tag RAM, data from main memory to be
loaded into the data RAMs, and the valid bit to be set true. If
not included in the Tag RAM, this function requires an addi-
tional 1-bit wide SRAM.
The reset feature of earlier Tag RAMs was sufficient for
implementation of a valid bit, but nothing more. Today’s
secondary caches frequently implement four-state write-back
protocols such as MESI, with multiprocessor applications
requiring five states (e.g. MOESI) or more. Hence, most
caches need a two- or three-bit status memory that is ac-
cessed separately from the tag memory. It is used in conjunc-
tion with the match output to determine the response to a CPU
memory access or a snoop. (A snoop is an operation initiated
by the system in order to maintain coherency between the
cache(s) and main memory.) This has typically been handled
with yet another RAM - a conventional separate I/O SRAM
organized as either x1 or x4. The 71215/16 includes a three-
bit status memory on chip.
THE 71215 AND 71216
As shown in Figure 3, these 16K x 15 RAMs are configured
internally as two memories: 16K x 12 for tag and 16K x 3 for
status. These two memories share the address bus but are
controlled independently. An important new feature is extra
pins and logic for generating
BRDY (Intel’s Burst Ready) and
TA (PowerPC’s Transfer Acknowledge). These are CPU input
signals which are time critical in zero wait state secondary
caches. I/O’s are 3.3V compatible and there is a low power
standby mode. All writes are synchronous as with burst data
SRAMs, while all reads and compares are asynchronous for
minimum delay. Two opposite polarity chip select pins are
provided for easy depth expansion.


Similar Part No. - AN-136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN-1300 ETC2-AN-1300 Datasheet
77Kb / 1P
   NEMA 4X CAST ALUMINUM ENCLOSURE
AN-1307 ETC2-AN-1307 Datasheet
87Kb / 2P
   NEMA 4X DIE CAST ALUMINUM ENCL SURE
AN-1307-G ETC2-AN-1307-G Datasheet
87Kb / 2P
   NEMA 4X DIE CAST ALUMINUM ENCL SURE
AN-1317 ETC2-AN-1317 Datasheet
89Kb / 1P
   NEMA 4X ENCLOSURE
AN-1317-G ETC2-AN-1317-G Datasheet
89Kb / 1P
   NEMA 4X ENCLOSURE
More results

Similar Description - AN-136

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Advanced Power Technolo...
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com