Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9230BCPZ-250 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9230BCPZ-250
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230BCPZ-250 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9230BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 10Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 11Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 12Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 13Page - Analog Devices AD9230BCPZ-250 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD9230
Preliminary Technical Data
Rev. PrE | Page 10 of 21
TERMINOLOGY
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point of the rising edge of the Clock
and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Crosstalk
Coupling onto one channel being driven by a low level (–40
dBFS) signal when the adjacent interfering channel is driven by
a fullscale signal.
Differential Analog Input Resistance, Differential Analog
Input Capacitance, and Differential Analog Input Impedance
The real and complex impedances measured at each analog
input port. The resistance is measured statically and the
capacitance and differential input impedances are measured
with a network analyzer.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin
and subtracting the voltage from the other pin, which is 180°
out of phase. Peak-to-peak differential is computed by rotating
the input’s phase 180° and again taking the peak measurement.
The difference is then computed between both peak
measurements.
Differential Nonlinearity
The deviation of any code width from an ideal 1 LSB step.
Effective Number of Bits (ENOB)
Calculated from the measured SNR based on the equation
02
.
6
76
.
1
dB
SNR
ENOB
MEASURED
=
Clock Pulsewidth/Duty Cycle
Pulsewidth high is the minimum amount of time the ENCODE
pulse should be left in Logic 1 state to achieve rated
performance; pulsewidth low is the minimum time the Clock
pulse should be left in low state. At a given clock rate, these
specifications define an acceptable Clock duty cycle.
Full-Scale Input Power
Expressed in dBm. Computed using the following equation:
=
001
.
0
log
10
2
INPUT
RMS
FULLSCALE
FULLSCALE
Z
V
Power
Gain Error
The difference between the measured and ideal full-scale input
voltage range of the ADC.
Harmonic Distortion, Second
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
Harmonic Distortion, Third
The ratio of the rms signal amplitude to the rms value of the
third harmonic component, reported in dBc.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line”
determined by a least square curve fit.
Minimum Conversion Rate
The Clock rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed
limit.
Maximum Conversion Rate
The Clock rate at which parametric testing is performed.
Output Propagation Delay
The delay between a differential crossing of CLK+ and CLK–
and the time when all output data bits are within valid logic
levels.
Noise (for Any Range within the ADC)
Calculated as follows:
×
×
=
10
10
001
.
0
dBFS
dBc
dBM
NOISE
Signal
SNR
FS
Z
V
where Z is the input impedance, FS is the full scale of the device
for the frequency in question, SNR is the value of the particular
input level, and Signal is the signal level within the ADC


Similar Part No. - AD9230BCPZ-250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230BCPZ-250 AD-AD9230BCPZ-250 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9230BCPZ-250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
   12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com