Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1084V-L-2-85 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP1084V-L-2-85
Description  5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084V-L-2-85 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP1084V-L-2-85 Datasheet HTML 2Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 3Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 4Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 5Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 6Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 7Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 8Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 9Page - Sipex Corporation SP1084V-L-2-85 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
typical Performance characteristics
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Output Voltage vs. Temperature
0.0
0.5
.0
.5
2.0
2.5
.0
.5
4.0
4.5
5.0
0.80
0.85
0.0
0.5
.00
.05
.0
.5
.20
.25
.0
.5
.40
.45
.50
Output Current (A)
0
25
50
75
00
25
-.0
-0.8
-0.6
-0.4
-0.2
0.0
T
J (
oC)
0
25
50
75
00
25
2.47
2.48
2.4
2.50
2.5
2.52
2.5
T
J (
oC)
Figure 6. Line Regulation vs. Temperature
0

2

4
5
20
25
0
5
40
45
50
55
60
65
70
75
80
Output Current (A)
Figure 7. Adjust Pin Current vs. Output Current


Similar Part No. - SP1084V-L-2-85

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L SIPEX-SP1085V-L Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-5 SIPEX-SP1085V-L-1-5 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-8 SIPEX-SP1085V-L-1-8 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
More results

Similar Description - SP1084V-L-2-85

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com