Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1084V-L-5-0 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP1084V-L-5-0
Description  5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084V-L-5-0 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP1084V-L-5-0 Datasheet HTML 4Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 5Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 6Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 7Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 8Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 9Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 10Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 11Page - Sipex Corporation SP1084V-L-5-0 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image

Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
mechanical Dimensions
to-263-3
Unit: mm(inch)
7

7
0.0(0.0)
0.50(0.020)
2.540(0.00)
.50(0.045)
.650(0.80)

4.760(0.58)
8.840(0.48)
2.640(0.04)
0.020(0.00)
8
2
0
6
0.80(0.05)
0.60(0.04)
2.200(0.087)
70
0.20(0.405)
4.070(0.60)
4.820(0.0)
.0(0.055)
.50(0.045)
.0(0.055)
2.540(0.00)
.270(0.050)
.0(0.055)
5.740(0.620)
0.250(0.00)
2.700(0.06)
0.400(0.06)
7.420(0.22)
7.80(0.4)
2.540(0.00)
2.540(0.00)
PAckAge: 3 Pin to-263


Similar Part No. - SP1084V-L-5-0

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L SIPEX-SP1085V-L Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-5 SIPEX-SP1085V-L-1-5 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-8 SIPEX-SP1085V-L-1-8 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
More results

Similar Description - SP1084V-L-5-0

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com