Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD137-16 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BD137-16
Description  NPN power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD137-16 Datasheet(HTML) 5 Page - NXP Semiconductors

  BD137-16 Datasheet HTML 1Page - NXP Semiconductors BD137-16 Datasheet HTML 2Page - NXP Semiconductors BD137-16 Datasheet HTML 3Page - NXP Semiconductors BD137-16 Datasheet HTML 4Page - NXP Semiconductors BD137-16 Datasheet HTML 5Page - NXP Semiconductors BD137-16 Datasheet HTML 6Page - NXP Semiconductors BD137-16 Datasheet HTML 7Page - NXP Semiconductors BD137-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 12
5
Philips Semiconductors
Product specification
NPN power transistors
BD135; BD137; BD139
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
bp
12
3
L1
w M
e


Similar Part No. - BD137-16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BD137-16 SECOS-BD137-16 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
BD137-16 MCC-BD137-16 Datasheet
390Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
More results

Similar Description - BD137-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com