Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7762ARW Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7762ARW
Description  Polyphase Energy Metering IC with Phase Drop Indication
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARW Datasheet(HTML) 5 Page - Analog Devices

  ADE7762ARW Datasheet HTML 1Page - Analog Devices ADE7762ARW Datasheet HTML 2Page - Analog Devices ADE7762ARW Datasheet HTML 3Page - Analog Devices ADE7762ARW Datasheet HTML 4Page - Analog Devices ADE7762ARW Datasheet HTML 5Page - Analog Devices ADE7762ARW Datasheet HTML 6Page - Analog Devices ADE7762ARW Datasheet HTML 7Page - Analog Devices ADE7762ARW Datasheet HTML 8Page - Analog Devices ADE7762ARW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
ADE7762
Rev. PrB | Page 5 of 28
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 10 MHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter1,2
Conditions
Specification
Unit
t1 3
F1 and F2 pulse width (logic high)
120
ms
t2
Output pulse period (see the Transfer Function section)
See Figure 2
sec
t3
Time between F1 falling edge and F2 falling edge
1/2 t2
sec
t43, 4
CF pulse width (logic high)
90
ms
t55
CF pulse period (see the Transfer Function section)
See Table 7
sec
t6
Minimum time between F1 and F2 pulse
4/CLKIN
sec
t7
LED_CTRL pulse width
28.8
μs
t8
LED_CTRL period
57.5
μs
t9
LED pulse width
7.2
μs
1 Sample tested during initial release and after any redesign or process changes that might affect this parameter.
2 See Figure 2.
3 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies (see the Frequency Outputs section).
4 CF is not synchronous to F1 or F2 frequency outputs.
5 The CF pulse is always 1 μs in the high frequency mode (see the Frequency Outputs section).
F1
F2
CF
t1
t6
t2
t3
t4
t5
Figure 2. Timing Diagram for Frequency Outputs
t9
t8
t7
Figure 3: Timing Diagram for LED Drivers


Similar Part No. - ADE7762ARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
More results

Similar Description - ADE7762ARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
   Polyphase Energy Metering IC with Pulsed Output
Rev. PrA
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
   Polyphase Energy Metering IC with Pulse Outputs
logo
Analog Devices
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com