Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3101E Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3101E
Description  3.3 V, Single Channel RS-232 Line Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3101E Datasheet(HTML) 3 Page - Analog Devices

  ADM3101E Datasheet HTML 1Page - Analog Devices ADM3101E Datasheet HTML 2Page - Analog Devices ADM3101E Datasheet HTML 3Page - Analog Devices ADM3101E Datasheet HTML 4Page - Analog Devices ADM3101E Datasheet HTML 5Page - Analog Devices ADM3101E Datasheet HTML 6Page - Analog Devices ADM3101E Datasheet HTML 7Page - Analog Devices ADM3101E Datasheet HTML 8Page - Analog Devices ADM3101E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
ADM3101E
Rev. PrD | Page 3 of 10
SPECIFICATIONS
VCC = 3.3 V ± 0.3 V, C1–C4 = 0.1 µF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
Operating Voltage Range
3.0
3.3
5.5
V
VCC Power Supply Current
1.0
2
mA
No load
3
5
mA
RL = 3 kΩ to GND
LOGIC
Input Logic Threshold Low, VINL
0.6
V
TIN
Input Logic Threshold High, VINH
1.4
V
TIN
Input Logic Threshold Low, VINL
0.8
V
TIN, VCC = 5.0V ± 0.5V
Input Logic Threshold High, VINH
2.0
V
TIN, VCC = 5.0V ± 0.5V
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
CMOS Output Voltage High, VOH
VCC − 0.6
V
IOUT =
−1 mA
Logic Pull-Up Current
5
10
µA
TIN = GND to VCC
RS-232 RECEIVER
EIA-232 Input Voltage Range
−30
+30
V
Guaranteed by Design
EIA-232 Input Threshold Low
0.6
1.2
V
VCC = 3.0V to 5.5V
EIA-232 Input Threshold High
1.6
2.4
V
EIA-232 Input Threshold High
TBD
3.0
V
VCC = 5.0V ± 0.5V
EIA-232 Input Hysteresis
0.4
V
EIA-232 Input Resistance
3
5
7
kΩ
RS-232 TRANSMITTER
Output Voltage Swing (RS-232)
±5.0
±5.2
V
VCC = 3.3V to 5.5V. All transmitter outputs loaded with 3 kΩ
to ground.
Output Voltage Swing (RS-562)
TBD
V
VCC = 3.0 V
Transmitter Output Resistance
300
VCC = 0 V, VOUT = ±2 V
RS-232 Output Short Circuit
Current
±15
mA
TIMING CHARACTERISTICS
Maximum Data Rate
460
kbps
VCC = 3.3 V, RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF.
Receiver Propagation Delay
TPHL
0.4
µs
TPLH
0.4
µs
Transmitter Propagation Delay
300
µs
RL = 3 kΩ, CL = 1000 pF
Receiver Output Enable Time
200
ns
Receiver Output Disable Time
200
ns
Transmitter Skew
30
ns
Receiver Skew
300
ns
Transition Region Slew Rate
5.5
10
30
V/µs
Guaranteed by Design from +3 V to −3 V or
−3 V to +3 V, VCC
= +3.3 V, RL = 3 kΩ, CL = 1000 pF, TA = 25°C
ESD Protection
(RS-232 and CMOS I/O Pins)
±15
kV
Human Body Model
±15
kV
IEC 1000-4-2 Air Discharge
±8
kV
IEC 1000-4-2 Air Discharge


Similar Part No. - ADM3101E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3101EACPZ-250R7 AD-ADM3101EACPZ-250R7 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3101EACPZ-250R71 AD-ADM3101EACPZ-250R71 Datasheet
253Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
ADM3101EACPZ-REEL AD-ADM3101EACPZ-REEL Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3101EACPZ-REEL1 AD-ADM3101EACPZ-REEL1 Datasheet
253Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
More results

Similar Description - ADM3101E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Analog Devices
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3101E AD-ADM3101E_08 Datasheet
253Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com