Electronic Components Datasheet Search |
|
1201M2S3AV2BI1 Datasheet(PDF) 6 Page - ITT Industries |
|
1201M2S3AV2BI1 Datasheet(HTML) 6 Page - ITT Industries |
6 / 6 page J–15 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com J C&K 1000 Series Miniature Slide Switches CONTACT MATERIAL AVAILABLE HARDWARE GOLD 3 TIN-LEAD 6 MATTE-TIN 7 0 4 VA MAX @ 20 V AC OR DC MAX OR 6 AMPS @ 120 V AC OR 0.4 MAX. 28 V DC; 3 AMPS @ 250 V AC. 6 AMPS @ 120 V AC OR 28 V DC; 3 AMPS @ 250 V AC. 0.4 VA MAX. @ 20 V AC OR DC MAX. LOW LEVEL/DRY CIRCUIT OR POWER POWER LOW LEVEL/ DRY CIRCUIT GOLD OVER SILVER 2,3 SILVER 4,5 GOLD 1 OPTION CODE TERMINAL PLATING RATINGS CONTACT MATERIAL 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 7 TERMINALS: Copper alloy, with matte-tin over nickel plate. All models with all options when ordered with G, L, M, Q, S or R contact material. B contact material standard with all terminations except C, Z, Z3.. Q contact material standard with C, Z, Z3 terminations. K, L, M, P, S or R contact materials not available with Z, Z3 terminations. SEAL D NO EPOXY SEAL I EPOXY POTTED BASE E EPOXY SEAL Fits Z3 Termination female connector PART NO. 530100000 Available in loose pieces. NOTE: Available with C, W, W3, Z, Z3 terminations only. NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. B K P Q M S G L R GOLD 3 TIN-LEAD 6 MATTE-TIN 7 GOLD 3 TIN-LEAD 6 MATTE-TIN 7 * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. RoHS COMPLIANT RoHS COMPLIANT YES NO YES YES NO YES YES NO YES YES YES YES YES YES YES YES YES YES |
Similar Part No. - 1201M2S3AV2BI1 |
|
Similar Description - 1201M2S3AV2BI1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |