Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769ARZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7769ARZ-RL
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769ARZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADE7769ARZ-RL Datasheet HTML 1Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 2Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 3Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 4Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 5Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 6Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 7Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 8Page - Analog Devices ADE7769ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADE7769
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Value
VDD to AGND
−0.3 V to +7 V
VDD to DGND
–0.3 V to +7 V
Analog Input Voltage to AGND,
V1P, V1N, V2P, and V2N
–6 V to +6 V
Reference Input Voltage to AGND
–0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
–0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
16-Lead Plastic SOIC, Power Dissipation
350 mW
θJA Thermal Impedance1
124.9°C/W
Package Temperature Soldering
See J-STD-20
1 JEDEC 1S standard (2-layer) board data.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


Similar Part No. - ADE7769ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
More results

Similar Description - ADE7769ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
   Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
AD71056 AD-AD71056 Datasheet
412Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
   Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
   Energy Metering IC with Integrated Oscillator
REV. PrC.
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
   Energy Metering IC with Integrated Oscillator
REV. A
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
   Polyphase Energy Metering IC with Phase Drop Indication
Rev. PrB
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
   Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
   Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com