Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7476ARQZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7476ARQZ-REEL
Description  dBCool Remote Thermal Controller and Voltage Monitor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7476ARQZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADT7476ARQZ-REEL Datasheet HTML 1Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 2Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 3Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 4Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 5Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADT7476ARQZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
dBCoolRemote Thermal
Controller and Voltage Monitor
ADT7476
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Monitors up to 5 voltages
Controls and monitors up to 4 fans
High and low frequency fan drive signal
1 on-chip and 2 remote temperature sensors
Extended temperature measurement range up to 191°C
Automatic fan speed control mode controls system cooling
based on measured temperature
Enhanced acoustic mode dramatically reduces user
perception of changing fan speeds
Thermal protection feature via THERM output
Monitors performance impact of Intel® Pentium™ 4
processor
Thermal control circuit via THERM input
3-wire and 4-wire fan speed measurement
Limit comparison of all monitored values
Meets SMBus 2.0 electrical specifications
GENERAL DESCRIPTION
The ADT7476 dBCool controller is a thermal monitor
and multiple PWM fan controller for noise-sensitive or power-
sensitive applications requiring active system cooling. The
ADT7476 can drive a fan using either a low or high frequency
drive signal, monitor the temperature of up to two remote
sensor diodes plus its own internal temperature, and measure
and control the speed of up to four fans, so they operate at
the lowest possible speed for minimum acoustic noise.
The automatic fan speed control loop optimizes fan speed
for a given temperature. The effectiveness of the system’s
thermal solution can be monitored using the THERM input.
The ADT7476 also provides critical thermal protection to
the system using the bidirectional THERM pin as an output
to prevent system or component overheating.
FUNCTIONAL BLOCK DIAGRAM
ACOUSTIC
ENHANCEMENT
CONTROL
BAND GAP
REFERENCE
10-BIT
ADC
INTERRUPT
MASKING
PWM
CONFIGURATION
REGISTERS
ADDRESS
POINTER
REGISTER
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
INPUT
SIGNAL
CONDITIONING
AND
ANALOG
MULTIPLEXER
VCC TO ADT7476
VCC
D1+
D1–
D2+
D2–
+5VIN
+12VIN
+2.5VIN
VCCP
VID/GPIO
REGISTER
VID5
VID4/GPIO4
VID3/GPIO3
VID2/GPIO2
VID1/GPIO1
VID0/GPIO0
GPIO6
SERIAL BUS
INTERFACE
SCL SDA SMBALERT
SMBus
ADDRESS
SELECTION
ADDR
SELECT
ADDREN
GND
PWM1
PWM2
PWM3
PWM
REGISTERS
AND
CONTROLLERS
(HF AND LF)
AUTOMATIC
FAN SPEED
CONTROL
TACH1
TACH2
TACH3
TACH4
FAN
SPEED
COUNTER
THERMAL
PROTECTION
PERFORMANCE
MONITORING
THERM
BAND GAP
TEMP. SENSOR
ADT7476
Figure 1.


Similar Part No. - ADT7476ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7476ARQZ-REEL ONSEMI-ADT7476ARQZ-REEL Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
ADT7476ARQZ-REEL ONSEMI-ADT7476ARQZ-REEL Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
More results

Similar Description - ADT7476ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com