Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

050-310-7604229 Datasheet(PDF) 7 Page - ITT Industries

Part # 050-310-7604229
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-310-7604229 Datasheet(HTML) 7 Page - ITT Industries

Back Button 050-310-7604229 Datasheet HTML 3Page - ITT Industries 050-310-7604229 Datasheet HTML 4Page - ITT Industries 050-310-7604229 Datasheet HTML 5Page - ITT Industries 050-310-7604229 Datasheet HTML 6Page - ITT Industries 050-310-7604229 Datasheet HTML 7Page - ITT Industries 050-310-7604229 Datasheet HTML 8Page - ITT Industries 050-310-7604229 Datasheet HTML 9Page - ITT Industries 050-310-7604229 Datasheet HTML 10Page - ITT Industries 050-310-7604229 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
108
RF Coaxial Connectors
Mounting Information
Recommended Mounting Hole Dimensions
Plan
A
B (min.) 4 positions
C (min.) 1 position
A
5,08 (.200)
X 1,70/1,85 (.067/.080)
X 1,17/1,35 (.046/.053)
B
5,08 (.200)
X 1,30 (.051)
X 1,30 (.051)
C
2,54 (.100)
X 0,97 (.038)
X 0,91 (.036)
D
5,08 (.200)
X 1,70 (.067)
X 1,70 (.067)
E
5,60 (.220)
X 1,60 (.063)
X 1,30 (.051)
F
5,08 (.200)
X 1,50 (.059)
X 1,10 (.043)
G
5,08 (.200)
X 1,00 (.039)
X 1,00 (.039)
Plan
Thread Size
A min.
A max.
I
N/A
5,44 (.214)
5,49 (.216)
J
N/A
5,67 (.223)
5,80 (.228)
K
N/A
6,16 (.243)
6,33 (.249)
L
N/A
6,50 (.256)
6,55 (.258)
M
9/32-40, UNS-2A
7,14 (.281)
7,24 (.285)
N
5/16-32, UNEF-2A
7,94 (.313)
8,04 (.317)
O
N/A
9,91 (.390)
9,96 (.392)
P
M9
9,20 (.362)
9,40 (.370)
Q
N/A
9,15 (.360)
9,35 (.368)
Plan A - G
Plan H
Plan I - Q


Similar Part No. - 050-310-7604229

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
   100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050-317 GLENAIR-050-317 Datasheet
497Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT DUAL PIN TIA RECEIVER
More results

Similar Description - 050-310-7604229

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com