Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-A371-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SA-A371-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SA-A371-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SA-A371-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SA-A371-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
HA-370 Series
Description
The HA-370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI
shielding, and are designed to survive standard wave soldering operations without damage. Insulated
standoffs to enhance board cleaning are standard.
Features
• Wide frequency range–3.0MHz to 100.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Low power consumption
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
N.C.
4
Grd & Case
5
Output
8
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0016F
Rev. F


Similar Part No. - SA-A371-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-A390-FREQ ETC1-SA-A390-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A391-FREQ ETC1-SA-A391-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A397-FREQ ETC1-SA-A397-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A399-FREQ ETC1-SA-A399-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A39A-FREQ ETC1-SA-A39A-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SA-A371-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com