Electronic Components Datasheet Search |
|
SN74LVC2G08-Q1 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74LVC2G08-Q1 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 7 page SN74LVC2G08Q1 DUAL 2INPUT POSITIVEAND GATE SCES557A − MARCH 2004 − REVISED MAY 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VM th tsu From Output Under Test CL (see Note A) LOAD CIRCUIT S1 VLOAD Open GND RL RL Data Input Timing Input VI 0 V VI 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Waveform 1 S1 at VLOAD (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VLOAD/2 0 V VOL + V∆ VOH − V∆ ≈0 V VI VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open VLOAD GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. All parameters and waveforms are not applicable to all devices. Output Control VM VM VM VM VM VM VM VM VM VM VM VM VI VM VM 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5 V ± 0.5 V 1 k Ω 500 Ω 500 Ω 500 Ω VCC RL 2 × VCC 2 × VCC 6 V 2 × VCC VLOAD CL 30 pF 30 pF 50 pF 50 pF 0.15 V 0.15 V 0.3 V 0.3 V V∆ VCC VCC 3 V VCC VI VCC/2 VCC/2 1.5 V VCC/2 VM tr/tf ≤2 ns ≤2 ns ≤2.5 ns ≤2.5 ns INPUTS Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SN74LVC2G08-Q1 |
|
Similar Description - SN74LVC2G08-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |