Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK-A29B0 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SK-A29B0
Description  Frequency Range: 350.0 MHz to 1.7 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SK-A29B0 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SK-A29B0 Datasheet HTML 1Page - Nel Frequency Controls,inc SK-A29B0 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A.
Phone: 262-763-3591 Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com
SK-A29B0
Series
Size, mm
20 x 13
I/O
8 pin (14 pin) SMD Gull Wing
Supply Voltage
3.3V / 2.5V
Features
• High Reliability - NEL HALT/HASS
qualified for crystal oscillator start-up
conditions
• Low jitter - Wavecrest jitter characterization
available
• Wide frequency range—350.0 MHz to
1.7 GHz
• User specified tolerance available
• Case at electrical ground
• Will withstand SMD reflow temperatures of
253°C for 4 minutes maximum
• All metal, resistance weld, hermetically
sealed package
• High shock resistance, to 1500g
• High Q Crystal actively tuned oscillator
circuit
• Power supply decoupling internal
• High frequencies due to proprietary design
• RoHS complaint, lead free construction
Differential Positive ECL (DPECL)
SK-A29B0 Series Rev D
Frequency Range: 350.0 MHz to 1.7 GHz
Package Code
HK
Leaded 8 pin (14 pin)
SK
8 pin (14 pin) SMD Gull Wing
Input Voltage
Code
Specification
A
3.3 V
B
2.5 V
Drawing Specifications
Description
The SK-A29B0 Series of quartz crystal oscillators provide DPECL Fast Edge compatible
signals. This device is to operate using positive voltage and uses multiple ground pins for
improved signal integrity. This device is intended to operate on positive voltage for PECL
applications.
Creating a Part Number
SK - A29BX - FREQ
Tolerance/Performance
0 ±100 ppm 0-70°C
1 ±50 ppm 0-70°C
7 ±25 ppm 0-70°C
9 Customer Specific
A ±20 ppm 0-70°C
B ±50 ppm -40 to +85°C
C ±100 ppm -40 to +85°C
Electrical Connections
Pin
Connection
1
VCC
2
VEE Case
6
VEE Case
7
Output
8
/Output
9
VEE Case
13
VEE Case
14
Enable/Disable
All other pins are no connect
Dimension shown in inches and (mm).
For the most up to date
specifications on each NEL
product, log on to our
website—www.nelfc.com
B9


Similar Part No. - SK-A29B0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
More results

Similar Description - SK-A29B0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
   Frequency Range: 200 MHz to 1.7 GHz
SR-A29B0 NEL-SR-A29B0 Datasheet
166Kb / 2P
   Frequency Range: 250.0 MHz-1.7 GHz
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
   Frequency Range: 250.0 MHz-1.7 GHz
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
   500 MHz to 4 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F67N2T WALSIN-RFLPF1608060F67N2T Datasheet
511Kb / 7P
   1.7 ~ 2.7 GHz Working Frequency
logo
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
   2 GHz to 18 GHz Frequency Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com