Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF410A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF410A
Description  N-channel silicon field-effect transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF410A Datasheet(HTML) 3 Page - NXP Semiconductors

  BF410A Datasheet HTML 1Page - NXP Semiconductors BF410A Datasheet HTML 2Page - NXP Semiconductors BF410A Datasheet HTML 3Page - NXP Semiconductors BF410A Datasheet HTML 4Page - NXP Semiconductors BF410A Datasheet HTML 5Page - NXP Semiconductors BF410A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1990
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF410A to D
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
STATIC CHARACTERISTICS
Tamb =25 °C
Drain-source voltage
VDS
max.
20 V
Drain-gate voltage (open source)
VDGO
max.
20 V
Drain current (DC or average)
ID
max.
30 mA
Gate current
± I
G
max.
10 mA
Total power dissipation up to Tamb =75 °CPtot
max.
300 mW
Storage temperature range
Tstg
−65 to +150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient in free air
Rth j-a
=
250 K/W
Gate cut-off current
BF410A
B
C
D
−VGS = 0.2 V; VDS =0
−IGSS
max.
10
10
10
10
nA
Gate-drain breakdown voltage
IS =0; −ID =10 µA
−V(BR)GDO
min.
20
20
20
20
V
Drain current
VDS = 10 V; VGS =0
IDSS
min.
0.7
2.5
6
10 mA
max.
3.0
7.0
12
18 mA
Gate-source cut-off voltage
ID =10 µA; VDS = 10 V
−V(P)GS
typ.
0.8
1.5
2.2
3 V


Similar Part No. - BF410A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF410A SIEMENS-BF410A Datasheet
54Kb / 3P
   LOW-NOISE N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR FOR RF APPLICATIONS
More results

Similar Description - BF410A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com