Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1007 Datasheet(PDF) 1 Page - MTRONPTI

Part # SF1007
Description  SF1007
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

SF1007 Datasheet(HTML) 1 Page - MTRONPTI

  SF1007 Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 9-19-06
Model SF1007
SC155BC1
Frequency Response
Terminal Connection
Maximum Ratings
Item
Unit
Condition
Maximum DC Voltage
V
-
Maximum Input Power
dBm
-
Operating Temperature Range
-
Storage Temperature Range
-
Item
Unit
Condition
Min
Typ
Max
Center Frequency
MHz
Fo
Passband Width
MHz
-
Insertion Loss
dB
Passband
-
5.8
6.5
Passband Ripple Deviation
dB
Passband
-
-
2
F0-100.0
F0-38.8 MHz
50
-
-
F0+38.8
F0+100.0 MHz
42
-
-
Terminating Impedance
-
Package Dimension
Matching Configuration
Bottom View
Source / Load Impedance = 50
Z1:210
//-9.2pF , Z2:210//-9.2pF
Ambient Temperature = 25°C
Fo +/-4.0
Stop Band Rejection
210 // Tuning
dB
155
Rating
15
Electrical Specifications
10
-10 +50
-30 +80


Similar Part No. - SF1007

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1007 PACELEADER-SF1007 Datasheet
538Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
SF1007 GXELECTRONICS-SF1007 Datasheet
579Kb / 2P
   VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Yea Shin Technology Co....
SF1007 YEASHIN-SF1007 Datasheet
38Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
PACELEADER INDUSTRIAL
SF1007CT PACELEADER-SF1007CT Datasheet
583Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1007CT YEASHIN-SF1007CT Datasheet
67Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com