Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-AADXBE-FREQ Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # AA-AADXBE-FREQ
Description  LVDS TCXO/TCVCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-AADXBE-FREQ Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  AA-AADXBE-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AA-AADXBE-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AA-AADXBE-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc AA-AADXBE-FREQ Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CRYSTAL OSCILLATORS
Rev. B
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0637B
LVDS TCXO
AA-XADXX Series
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
12.8
120
MHz
Supply Voltage
Vcc
Code A
Code B
3.135
2.375
3.3
2.5
3.465
2.625
V
Supply current
Icc
40
50
mA
Load
At receiving end between
the outputs
90
100
110
Ohm
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Output Levels
Offset voltage error
50
mV
Duty Cycle
(Symmetry)
At outputs crossing, room
temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.35
0.4
ns
Integrated
J
Integrated from Phase Noise,
12 KHz to 20 MHz , RMS
0.2
ps
Random
period,
2.5
2.5
ps
Jitter
Wavecrest
characterized
Accumul.
pk-to-pk
20
ps
Deterministic
F>40MHz
3
6
ps
Sub-harmonics
<40 M
>40 M
-50
-45
dBc
Phase Noise
£(Δf)
20 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-85
-115
-135
-140
-145
-148
dBc/Hz
Frequency stability
ΔF/F
Over Temp -30 to 80 C See
chart
Aging, 1st year
Aging 10 years
Load
Vcc
Reflow
Calibration as shipped
2.5
1
3.5
0.1
0.1/V
2
1
ppm
Pullability
(Vc option)
0.3V to 3.0V
5
ppm


Similar Part No. - AA-AADXBE-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-A29LL99-FREQ NEL-AA-A29LL99-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9E-FREQ NEL-AA-A29LL9E-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9F-FREQ NEL-AA-A29LL9F-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9G-FREQ NEL-AA-A29LL9G-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9H-FREQ NEL-AA-A29LL9H-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results

Similar Description - AA-AADXBE-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
   LVDS TCXO/TCVCXO
logo
List of Unclassifed Man...
CFPT-9025 ETC2-CFPT-9025 Datasheet
63Kb / 3P
   High Performance TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
   Stratum 3 TCXO/TCVCXO
logo
MTRONPTI
M63001GBFPN MTRONPTI-M63001GBFPN Datasheet
624Kb / 3P
   5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
   SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com