Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16251ACCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16251ACCZ
Description  Programmable Low Power Gyroscope
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16251ACCZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16251ACCZ Datasheet HTML 1Page - Analog Devices ADIS16251ACCZ Datasheet HTML 2Page - Analog Devices ADIS16251ACCZ Datasheet HTML 3Page - Analog Devices ADIS16251ACCZ Datasheet HTML 4Page - Analog Devices ADIS16251ACCZ Datasheet HTML 5Page - Analog Devices ADIS16251ACCZ Datasheet HTML 6Page - Analog Devices ADIS16251ACCZ Datasheet HTML 7Page - Analog Devices ADIS16251ACCZ Datasheet HTML 8Page - Analog Devices ADIS16251ACCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADIS16251
Preliminary Technical Data
Rev. PrA | Page 4 of 20
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
4
LSB
Differential Nonlinearity
1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0 to 2.5
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
For CS signal when used to wake up from
SLEEP mode
0.55
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IINL
VIL = 0 V
40
60
μA
Logic 0 Output Current (RST )2
1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
SLEEP TIMER
Timeout Period3
0.5
128
Sec
FLASH MEMORY
Endurance4
20,000
Cycles
Data Retention5
TJ = 55°C
20
Years
CONVERSION RATE
Minimum Conversion Time
3.906
ms
Maximum Conversion Time
7.75
Sec
Maximum Throughput Rate
256
SPS
Minimum Throughput Rate
0.129
SPS
POWER SUPPLY
Operating Voltage Range VCC
4.75
5.0
5.25
V
Power Supply Current
Normal mode at 25°C
15
19
mA
Fast mode at 25°C
41
48
mA
Sleep mode at 25°C
500
750
μA
1 The sensor is capable of +600 °/sec but the specifications herein are for +80°/sec only.
2 The RST pin has an internal pull-up
3 Guaranteed by design.
4 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
5 Retention lifetime equivalent at junction temperature (TJ) 55°C as per JEDEC Standard 22 Method A117. Retention lifetime decreases with junction temperature.


Similar Part No. - ADIS16251ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16251 AD-ADIS16251 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16251PCBZ AD-ADIS16251PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
   Programmable Low Power Gyroscope
REV. A
More results

Similar Description - ADIS16251ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
   Programmable Low Power Gyroscope
REV. 0
ADIS16260 AD-ADIS16260 Datasheet
386Kb / 19P
   Programmable Low Power Gyroscope
Rev. PrB
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
   Programmable Low Power Gyroscope
REV. A
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
   Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
   Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
   Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com