Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-B29JHC9-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SD-B29JHC9-FREQ
Description  LVPECL UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-B29JHC9-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SD-B29JHC9-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-B29JHC9-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc SD-B29JHC9-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVPECL UHF CLOCK (XO)
SD-A29JXXX Series (3.3 Volt)
SD-B29JXXX Series (2.5 Volt)
Description
The SD-X29JXXX Series of quartz crystal oscillators provides ultra high frequency with LVPECL
complementary outputs. The outputs can be Tri-stated for test automation or combining multiple clocks. The
device is based on advanced PLL multiplication for higher frequencies, and packaged in a miniature, low
profile leadless ceramic SMD package with 6 gold plated pads.
Applications and Features
• Wide frequency range – 38.0MHz to 640.000MHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Phase Noise, Low Jitter
• High shock resistance, to 1000g
• Ultra High Frequency
• Tight frequency stability - ±20 ppm overall available
• Grounded lid and internal by-pass capacitor reduce EMI
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0628A
Rev. A
SD - X 29J X X X - FREQ
Package Code
Overall Frequency Stability, ppm
SD
6 pad 5x7mm SMD
E ±20
F ±25
Input Voltage
G ±50
A
3.3V±5%
H ±100
B
2.5V±5%
9 Customer specific
Enable Option
Temperature Range, °C
H
Enable High
A
0 to 50
L
Enable Low
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Similar Part No. - SD-B29JHC9-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2980-FREQ NEL-SD-B2980-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2981-FREQ NEL-SD-B2981-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2987-FREQ NEL-SD-B2987-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-B2989-FREQ NEL-SD-B2989-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SD-B29JHC9-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
SD-A2D4XXX NEL-SD-A2D4XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-X2D4XXX-X NEL-SD-X2D4XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com