Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTUB32866 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74SSTUB32866
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTUB32866 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74SSTUB32866 Datasheet HTML 5Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 6Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 7Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 8Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 9Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 10Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 11Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 12Page - Texas Instruments SN74SSTUB32866 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
ZKEPACKAGE
(TOP VIEW)
Terminal Assignments for 1:2 Register-b (C0 = 1, C1 = 1)
SN74SSTUB32866
SCAS792 – OCTOBER 2006
1
2
3
4
5
6
A
D1
PPO
VREF
VCC
Q1A
Q1B
B
D2
DNU
GND
GND
Q2A
Q2B
S
D3
DNU
VCC
VCC
Q3A
Q3B
D
D4
QERR
GND
GND
Q4A
Q4B
E
D5
DNU
VCC
VCC
Q5A
Q5B
F
D6
DNU
GND
GND
Q6A
Q6B
G
PAR_IN
RESET
VCC
VCC
C1
C0
H
CLK
D7 (DCS)
GND
GND
Q7A (QCSA)
Q7B (QCSB)
J
CLK
CSR
VCC
VCC
NC
NC
K
D8
DNU
GND
GND
Q8A
Q8B
L
D9
DNU
VCC
VCC
Q9A
Q9B
M
D10
DNU
GND
GND
Q10A
Q10B
N
D11 (DODT)
DNU
VCC
VCC
Q11A (QODTA)
Q11B (QODTB)
P
D12
DNU
GND
GND
Q12A
Q12B
R
D13
DNU
VCC
VCC
Q13A
Q13B
T
D14 (DCKE)
DNU
VREF
VCC
Q14A (QCKEA)
Q14B (QCKEB)
Each pin name in parentheses indicates the DDR2 DIMM signal name.
DNU - Do not use
NC - No internal connection
9
Submit Documentation Feedback


Similar Part No. - SN74SSTUB32866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866NMJR TI-SN74SSTUB32866NMJR Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866ZKER TI-SN74SSTUB32866ZKER Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - SN74SSTUB32866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_V01 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32866A TI-74SSTUB32866A Datasheet
1Mb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866_17 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTEB32866 TI1-SN74SSTEB32866 Datasheet
1Mb / 37P
[Old version datasheet]   1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
   1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com