Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPA10SB Datasheet(PDF) 2 Page - ITT Industries

Part # BPA10SB
Description  Side Actuated DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BPA10SB Datasheet(HTML) 2 Page - ITT Industries

  BPA10SB Datasheet HTML 1Page - ITT Industries BPA10SB Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-15
I
C&K BPA Series
Side Actuated DIP Switches
Side Actuator – Surface Mount Terminals
Tape & Reel Packaging – Surface Mount Options Only
BPA08SK
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
ON
.100 TYP.
(2,54)
DIM 'A'
.024
(0,61)
.031
(0,79)
.083
(2,1)
25
.063
(1,6)
.039
(1,0)
.069
(1,75)
REF
.055
(1,40)
.100
(2,54)
TYP.
.366
(9,30)
.346
(8,79)
.266
(6,76)
.008
(0,20)
.060 MIN.
(1,52)
TYP.
.240 MAX.
(6,1)
TYP.
.410 MIN.
(10,41)
TYP.
POLES
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
DIM. ‘D’
DIM. ‘E’
2
.453 (11,5)
––
.945 (24,0)
.311 (7,9)
.961 (24,4)
3
.453 (11,5)
––
.945 (24,0)
.409 (10,4)
.961 (24,4)
4
.453 (11,5)
––
.945 (24,0)
.508 (12,9)
.961 (24,4)
5
.453 (11,5)
––
.945 (24,0)
.606 (15,4)
.961 (24,4)
6
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.709 (18,0)
1.276 (32,4)
7
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.807 (20,5)
1.276 (32,4)
8
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
.894 (22,7)
1.748 (44,4)
9
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.004 (25,5)
1.748 (44,4)
10
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.106 (28,1)
1.748 (44,4)
NOTE: Tape and reel packaging available by adding “R” to end of
project number.
Note: For tape and reel packaging, add ‘R’ to end of part number.
Direction of feed
Direction of feed
2, 4, 5, 5, & 7 Positions
8, 9 & 10 Positions
DETAIL A
SEE
DETAIL A
DIM. 'A'
DIM. 'C'
120
40
7.48
(190,0)
.512
(13,0)
.827
(21,0)
12.99
(330,0)
3.937
(100,0)
DIM. 'E'
.079
(2,00)
.079
(2,00)
.079
(2,00)
.079
(2,00)
.069
(1,75)
.016
(0,40)
.157
(4,00)
.450
(11,5)
.630
(16,0)
.315
(8,00)
3
MAX.
3 MAX.
DIM 'D'
Ø.012
(0,30)
MAX.
Ø.059
(1,50)
Ø.012
(0,30)
MAX.
Ø.012
(0,30)
MAX.
Ø.030
(0,75)
.008
(0,20)
.630
(16,0)
.016
(0,40)
3
MAX.
DIM 'D'
DIM. 'A'
.079
(2,00)
.069
(1,75)
.157
(4,00)
Ø.059
(1,50)
DIM. 'B'
DIM. 'C'
.450
(11,5)
.315
(8,00)
3 MAX.
Ø.012
(0,30)
MAX.
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
BPA02SB
BPA02SK
2
.276 (7,0)
60
BPA03SB
3
.376 (9,6)
45
BPA04SB
BPA04SK
4
.476 (12,1)
35
BPA05SB
BPA05SK
5
.575 (14,6)
30
BPA06SB
BPA06SK
6
.677 (17,2)
25
BPA07SB
BPA07SK
7
.776 (19,7)
20
BPA08SB
BPA08SK
8
.878 (22,3)
20
BPA09SB
BPA09SK
9
.976 (24,8)
15
BPA10SB
BPA10SK
10
1.075 (27,3)
15
Schematic
SPST
500
500
500
500
500
500
500
500
500
QTY/
REEL


Similar Part No. - BPA10SB

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA10SB CK-COMPONENTS-BPA10SB Datasheet
168Kb / 3P
   Side Actuated DIP Switches
More results

Similar Description - BPA10SB

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
   Side Actuated DIP Switches
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
   Side Actuated DIP Switches
2019
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
   Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
   Side Actuated DIP Switch
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
   Side Actuated DIP Switcehs
logo
C&K Components
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
   Side Actuated Detect Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com