Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPBSS8110Y Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PPBSS8110Y
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PPBSS8110Y Datasheet(HTML) 5 Page - NXP Semiconductors

  PPBSS8110Y Datasheet HTML 1Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 2Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 3Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 4Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 5Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 6Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 7Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 8Page - NXP Semiconductors PPBSS8110Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
9397 750 12567
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2004
5 of 13
Philips Semiconductors
PBSS8110Y
100 V, 1 A NPN low VCEsat (BISS) transistor
7.
Characteristics
Mounted on FR4 PCB; mounting pad for collector = 1 cm2.
(1)
δ =1.
(2)
δ = 0.75.
(3)
δ = 0.5.
(4)
δ = 0.33.
(5)
δ = 0.2.
(6)
δ = 0.1.
(7)
δ = 0.05.
(8)
δ = 0.02.
(9)
δ = 0.01.
(10)
δ =0.
Fig 3.
Transient thermal impedance as a function of pulse time; typical values.
001aaa797
10
1
102
103
Zth
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
(9)
(8)
(7)
(6)
(5)
(4)
(1)
(10)
(2)
(3)
Table 7:
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = 80 V; IE = 0 A
-
-
100
nA
VCB = 80 V; IE = 0 A;
Tj = 150 °C
--50
µA
ICES
collector-emitter
cut-off current
VCE = 80 V; VBE = 0 V
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 4 V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE = 10 V; IC = 1 mA
150
-
-
VCE = 10 V; IC = 250 mA
150
-
500
VCE = 10 V; IC = 0.5 A
[1]
100
-
-
VCE = 10 V; IC = 1 A
[1]
80
-
-


Similar Part No. - PPBSS8110Y

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PPBSS8110Y NEXPERIA-PPBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
More results

Similar Description - PPBSS8110Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com