Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3842BDR-8 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL3842BDR-8
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3842BDR-8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL3842BDR-8 Datasheet HTML 7Page - Texas Instruments TL3842BDR-8 Datasheet HTML 8Page - Texas Instruments TL3842BDR-8 Datasheet HTML 9Page - Texas Instruments TL3842BDR-8 Datasheet HTML 10Page - Texas Instruments TL3842BDR-8 Datasheet HTML 11Page - Texas Instruments TL3842BDR-8 Datasheet HTML 12Page - Texas Instruments TL3842BDR-8 Datasheet HTML 13Page - Texas Instruments TL3842BDR-8 Datasheet HTML 14Page - Texas Instruments TL3842BDR-8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
Zi
Zf
VFB
COMP
2.5 V
0.5 mA
Error
Amplifier
+
RS
Cf
Rf
Error
Amplifier
2R
R
1 V
Current-Sense
Comparator
IS
(see Note A)
+
ISENSE
COMP
GND
CT
RT
VREF
RT/CT
GND
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
The error-amplifier configuation circuit is shown in Figure 1.
A.
Error amplifier can source or sink up to 0.5 mA.
Figure 1. Error-Amplifier Configuration
The current-sense circuit is shown in Figure 2.
A.
Peak current (IS) is determined by the formula: IS(max) = 1 V/RS
B.
A small RC filter formed by resistor Rf and capacitor Cf may be required to suppress switch transients.
Figure 2. Current-Sense Circuit
The oscillator frequency is set using the circuit shown in Figure 3. The frequency is calculated as:
f = 1 / RTCT
For RT > 5 kΩ:
f
≈ 1.72 / R
TCT
Figure 3. Oscillator Section
11
Submit Documentation Feedback


Similar Part No. - TL3842BDR-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3842BDR-8 TI-TL3842BDR-8 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3842BDR-8 TI1-TL3842BDR-8 Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL3842BDR-8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com