Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8665 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8665
Description  16 V, 4 MHz Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665 Datasheet(HTML) 4 Page - Analog Devices

  AD8665 Datasheet HTML 1Page - Analog Devices AD8665 Datasheet HTML 2Page - Analog Devices AD8665 Datasheet HTML 3Page - Analog Devices AD8665 Datasheet HTML 4Page - Analog Devices AD8665 Datasheet HTML 5Page - Analog Devices AD8665 Datasheet HTML 6Page - Analog Devices AD8665 Datasheet HTML 7Page - Analog Devices AD8665 Datasheet HTML 8Page - Analog Devices AD8665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 4 of 16
VDD = 16 V, VCM = VDD/2, TA = 25oC, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 8 V
0.6
2.5
mV
VCM = −0.1 V to +14.0 V
3.0
mV
−40°C < TA < +125°C
5.0
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
3.0
10
μV/°C
Input Bias Current
IB
0.2
1
pA
−40°C < TA < +125°C
550
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +125°C
70
pA
Input Voltage Range
VCM
−0.1
+14.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.1 V to +14.0 V
90
110
dB
−40°C < TA < +125°C
80
dB
Large-Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 15.5 V
130
255
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IOUT = 1 mA
15.94
15.96
V
−40°C < TA < +125°C
15.90
V
Output Voltage Low
VOL
IOUT = 1 mA
22
40
mV
−40°C < TA < +125°C
50
mV
Short-Circuit Output Current
ISC
±140
mA
Closed-Loop Output Impedance
ZOUT
At 1 MHz, AV = 1
50
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VDD = 5.0 V to 16 V
98
115
dB
−40°C < TA < +125°C
94
dB
Supply Current per Amplifier
ISY
1.15
1.55
mA
−40°C < TA < +125°C
2.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
ΦM
73
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
10
nV/√Hz
f = 10 kHz
8
nV/√Hz
Channel Separation
CS
f = 10 kHz
−115
dB


Similar Part No. - AD8665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8665 AD-AD8665 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8665 AD-AD8665 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-R2 AD-AD8665ARJZ-R2 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-REEL AD-AD8665ARJZ-REEL Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARJZ-REEL7 AD-AD8665ARJZ-REEL7 Datasheet
621Kb / 16P
   16 V, 4 MHz RR0 Amplifiers
REV. B
More results

Similar Description - AD8665

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
[Old version datasheet]   16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com