Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG793A Datasheet(PDF) 6 Page - Analog Devices

Part # ADG793A
Description  I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG793A Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG793A Datasheet HTML 2Page - Analog Devices ADG793A Datasheet HTML 3Page - Analog Devices ADG793A Datasheet HTML 4Page - Analog Devices ADG793A Datasheet HTML 5Page - Analog Devices ADG793A Datasheet HTML 6Page - Analog Devices ADG793A Datasheet HTML 7Page - Analog Devices ADG793A Datasheet HTML 8Page - Analog Devices ADG793A Datasheet HTML 9Page - Analog Devices ADG793A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADG793A/ADG793G
Rev. 0 | Page 6 of 24
Parameter
Conditions
Min
Typ1
Max
Unit
LOGIC OUTPUTS3
SDA Pin
Output Low Voltage, VOL
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
3
pF
GPO1 Pin and GPO2 Pin
Output Low Voltage, VOL
ILOAD = +2 mA
0.4
V
Output High Voltage, VOH
ILOAD = −2 mA
2.0
V
POWER REQUIREMENTS
IDD
Digital inputs = 0 V or VDD, I2C interface
inactive
0.001
1
μA
I2C interface active, fSCL = 400 kHz
0.1
mA
I2C interface active, fSCL = 3.4 MHz
0.2
mA
1All typical values are at TA = 25°C, unless otherwise stated.
2 Guaranteed by initial characterization, not subject to production test.
3 Guaranteed by design, not subject to production test.


Similar Part No. - ADG793A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
More results

Similar Description - ADG793A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG793G AD-ADG793G_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG795A AD-ADG795A Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com