Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG793ABCPZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG793ABCPZ-REEL
Description  I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG793ABCPZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG793ABCPZ-REEL Datasheet HTML 1Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 2Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG793ABCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
I2C-Compatible, Wide Bandwidth,
Triple 3:1 Multiplexer
ADG793A/ADG793G
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 195 MHz
Low insertion loss and on resistance: 2.6 Ω typical
On-resistance flatness 0.3 Ω typical
3.3 V analog signal range (5 V supply, 75 Ω load)
Single 3 V/5 V supply operation
Low quiescent supply current: 1 nA typical
Fast switching times: tON = 185 ns, tOFF = 181 ns
I2C®-compatible interface
Compact, 24-lead LFCSP
Two I2C-controllable logic outputs
ESD protection
4 kV human body model (HBM)
200 V machine model (MM)
1 kV field-induced charged device model (FICDM)
APPLICATIONS
RGB/YPbPr video switches
HDTV
Projection TV
DVD-R/RW
AV receivers
FUNCTIONAL BLOCK DIAGRAMS
ADG793A
I2CSERIAL
INTERFACE
SCL
SDA
A2
A1
A0
VDD
GND
S1A
S1B
D1
S1C
S2A
S2B
D2
S2C
S3A
S3B
D3
S3C
GPO2
ADG793G
I2CSERIAL
INTERFACE
SCL
SDA
A2
A1
A0
GPO1
VDD
GND
S1A
S1B
D1
S1C
S2A
S2B
D2
S2C
S3A
S3B
D3
S3C
Figure 1.
GENERAL DESCRIPTION
The ADG793A/ADG793G are monolithic CMOS devices
comprising three 3:1 multiplexers/demultiplexers controllable
via a standard I2C serial interface. The CMOS process provides
ultralow power dissipation, yet gives high switching speed and
low on resistance.
The on-resistance profile is very flat over the full analog input
range, and the wide bandwidth ensures excellent linearity and
low distortion. These features, combined with a wide input
signal range, make the ADG793A/ADG793G the ideal
switching solution for a wide range of TV applications,
including RGB and YPbPr video switches.
The switches conduct equally well in both directions when on.
In the off condition, signal levels up to the supplies are blocked.
The ADG793A/ADG793G switches exhibit break-before-make
switching action. The ADG793G has two general-purpose logic
output pins controllable through the I2C interface, which can be
used to control other non-I2C-compatible devices such as video
filters. The integrated I2C interface provides a large degree of
flexibility in the system design. It has three configurable I2C
address pins that allow the user to connect up to eight devices
to the same bus to build larger switching arrays.
The ADG793A/ADG793G operate from a single 3 V or 5 V
supply voltage and are available in a compact, 4 mm × 4 mm
body, 24-lead, lead-free chip scale package (LFCSP).
PRODUCT HIGHLIGHTS
1.
Wide bandwidth: 195 MHz.
2.
Ultralow power dissipation.
3.
Extended input signal range.
4.
Integrated I2C serial interface.
5.
Compact, 4 mm × 4 mm body, 24-lead, lead-free chip scale
package (LFCSP).
6.
ESD protection tested as per ESD Association standards:
4 kV HBM (ANSI/ESD STM5.1-2001)
200 V MM (ANSI/ESD STM5.2-1999)
1 kV FICDM (ANSI/ESDSTM5.3.1-1999)


Similar Part No. - ADG793ABCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
More results

Similar Description - ADG793ABCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG793G AD-ADG793G_15 Datasheet
541Kb / 24P
   Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG795A AD-ADG795A Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com