Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3844BD Datasheet(PDF) 12 Page - Texas Instruments

Part # TL3844BD
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3844BD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL3844BD Datasheet HTML 8Page - Texas Instruments TL3844BD Datasheet HTML 9Page - Texas Instruments TL3844BD Datasheet HTML 10Page - Texas Instruments TL3844BD Datasheet HTML 11Page - Texas Instruments TL3844BD Datasheet HTML 12Page - Texas Instruments TL3844BD Datasheet HTML 13Page - Texas Instruments TL3844BD Datasheet HTML 14Page - Texas Instruments TL3844BD Datasheet HTML 15Page - Texas Instruments TL3844BD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.ti.com
TIMING RESISTANCE
vs
FREQUENCY
100
1k
10k
100k
1M
f − Frequency − Hz
100
40
10
4
1
VCC = 15 V
TA = 25°C
CT = 22 nF
CT = 47 nF
CT = 100 nF
CT = 10 nF
CT = 4.7 nF
CT = 22 nF
CT = 1 nF
DEAD TIME
vs
TIMING CAPACITANCE
100
40
10
4
0
CT − Timing Capacitance − nF
100
40
10
4
1
0.4
0.1
VCC = 15 V
RT ≥ 5 kΩ
TA = 25°C
Open-Loop Laboratory Test Fixture
2N2222
4.7 k
1-k
Error Amplifier Adjust
4.7 k
5 k
ISENSE
Adjust
RT
100 k
VCC
0.1
µF
0.1
µF
REF
VCC
OUTPUT
GND
1 k
Ω, 1 W
A
CT
TL284xB
TL384xB
ISENSE
VREF
RT/CT
VFB
COMP
OUTPUT
GND
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
APPLICATION INFORMATION (continued)
In the open-loop laboratory test fixture (see Figure 4), high peak currents associated with loads necessitate
careful grounding techniques. Timing and bypass capacitors should be connected close to the GND terminal in a
single-point ground. The transistor and 5-k
Ω potentiometer sample the oscillator waveform and apply an
adjustable ramp to the ISENSE terminal.
Figure 4. Open-Loop Laboratory Test Fixture
12
Submit Documentation Feedback


Similar Part No. - TL3844BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3844BD TI-TL3844BD Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3844BD TI1-TL3844BD Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3844BD-8 TI-TL3844BD-8 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3844BD-8 TI1-TL3844BD-8 Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3844BDG4 TI-TL3844BDG4 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL3844BD

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com