Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4130 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4130 Datasheet HTML 4Page - Texas Instruments THS4130 Datasheet HTML 5Page - Texas Instruments THS4130 Datasheet HTML 6Page - Texas Instruments THS4130 Datasheet HTML 7Page - Texas Instruments THS4130 Datasheet HTML 8Page - Texas Instruments THS4130 Datasheet HTML 9Page - Texas Instruments THS4130 Datasheet HTML 10Page - Texas Instruments THS4130 Datasheet HTML 11Page - Texas Instruments THS4130 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TYPICAL AC PERFORMANCE: V
S+– VS– = 5 V
-2
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f-Frequency-MHz
R =499
R =200
F
L
W
W
VO =100mV
V = 2.5V
PP
S
±
0
G=20dB
G=14dB
G=10dB
G=0dB
G=6dB
-2
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f-Frequency-MHz
R =499
R =200
F
L
W
W
VO =2V
V = 2.5V
PP
S
±
0
G=20dB
G=14dB
G=10dB
G=0dB
G=6dB
THS4520
SLOS503A – SEPTEMBER 2006 – REVISED OCTOBER 2006
Test conditions unless otherwise noted: V
S+ = +2.5 V, VS– = –2.5 V, CM = open, VO = 2 VPP, RF = 499 Ω, RL = 200 Ω
Differential, G = 0 dB, Single-Ended Input, Input and Output Referenced to Midrail
Small-Signal Frequency Response
Figure 1
Large Signal Frequency Response
Figure 2
0.1 dB Flatness
Figure 3
S-Parameters
vs Frequency
Figure 4
Transition Rate
vs Output Voltage
Figure 5
Figure 6
Transient Response
Figure 7
Output Voltage Swing
vs Load Resistance
Figure 8
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 9
Input Bias Current
vs Supply Voltage
Figure 10
Open Loop Gain
vs Frequency
Figure 11
Input Referred Noise
vs Frequency
Figure 12
Quiescent Current
vs Supply Voltage
Figure 13
Power Supply Current
vs Supply Voltage in Powerdown Mode
Figure 14
Output Balance Error
vs Frequency
Figure 15
CM Small-Signal Frequency Response
Figure 16
CM Input Bias Current
vs CM Input Voltage
Figure 17
Differential Output Offset Voltage
vs CM Input Voltage
Figure 18
Output Common-Mode Offset
vs CM Input Voltage
Figure 19
SMALL-SIGNAL
FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
8
Submit Documentation Feedback


Similar Part No. - THS4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI1-THS4130 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4130-1 TI1-THS4130-1 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
THS4130/1 TI1-THS4130/1 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520-DIE TI-THS4520-DIE_15 Datasheet
89Kb / 6P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com