Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4520RGTRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4520RGTRG4
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4520RGTRG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS4520RGTRG4 Datasheet HTML 1Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 2Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 3Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 4Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 5Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 6Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 7Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 8Page - Texas Instruments THS4520RGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
THS4520
SLOS503A – SEPTEMBER 2006 – REVISED OCTOBER 2006
SPECIFICATIONS; V
S+– VS– = 5 V: (continued)
Test conditions unless otherwise noted: V
S+ = +2.5 V, VS– = –2.5 V, G = 0 dB, CM = open, VO = 2 VPP, RF = 499 Ω,
R
L = 200 Ω Differential, TA = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
OUTPUT
TA = 25°C
1.95
2.16
Maximum Output Voltage High
V
TA = –40°C to 85°C
1.9
2.16
Each output with 100
to mid-supply
TA = 25°C
–2.16
–1.95
A
Minimum Output Voltage Low
V
TA = –40°C to 85°C
–2.16
–1.9
Differential Output Voltage Swing
TA = –40°C to 85°C
7.8
8.64
V
Differential Output Current Drive
RL = 10 Ω
105
mA
C
Output Balance Error
VO = 100 mV, f = 1 MHz
–80
dB
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-Signal Bandwidth
230
MHz
Gain
1
V/V
Output Common-Mode Offset
1.25 V < CM < 3.5 V
±0.25
mV
from CM input
C
CM Input Bias Current
1.25 V < CM < 3.5 V
0.6
µA
CM Input Voltage
-1.5
1.5
V
CM Default Voltage
CM = 0.5 (VS+ + VS- )
0
V
POWER SUPPLY
Specified Operating Voltage
3
5
5.25
V
C
TA = 25°C
14.2
15.3
Maximum Quiescent Current
mA
TA = –40°C to 85°C
14.2
15.5
A
TA = 25°C
13.1
14.2
Minimum Quiescent Current
mA
TA = –40°C to 85°C
12.75
14.2
Power Supply Rejection (
±PSRR)
94
dB
C
POWERDOWN
Referenced to Vs–
Enable Voltage Threshold
>1.5
V
For additional information, see the Application
C
Information section of this data sheet.
Disable Voltage Threshold
<-1.5
V
TA = 25°C
15
70
Powerdown Quiescent Current
µA
A
TA = –40°C to 85°C
15
75
5
Submit Documentation Feedback


Similar Part No. - THS4520RGTRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4520RGTRG4 NSC-THS4520RGTRG4 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4520RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520-DIE TI-THS4520-DIE_15 Datasheet
89Kb / 6P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com