Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-370 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HS-370
Description  CMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-370 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-370 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-370 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
HS-370 Series
Description
The HS-370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI
shielding, and are designed to survive standard wave soldering operations without damage. Insulated
standoffs to enhance board cleaning are standard.
Features
• Wide frequency range–3.0MHz to 100.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Constructions
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
N.C.
7
Grd & Case
8
Output
14
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9420A
Rev. M


Similar Part No. - HS-370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-370 NEL-HS-370_10 Datasheet
58Kb / 2P
   Insulated standoffs to enhance board cleaning are standard
More results

Similar Description - HS-370

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com